Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC99 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC99
Description  Low thermal resistance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC99 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC99 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC99
Phase Change Material
Low thermal resistance
Natural tack
Electronic components: IC / CPU / MOS
LED / M/B / P/S / Heat Sink / LCD-TV / Notebook PC / PC / Telecom Device /
Wireless Hub etc....
DDR II Module / DVD Applications / Hand-Set applications etc...
Features
Applications
Properties
REACH Compliant
RoHS Compliant
Property
PC99
Unit
Tolerance
Test Method
Colour
Yellow
-
-
Visual
Thickness
(Available thickness range)
0.06 / 0.12
mm
-
ASTM D374
0.0024/0.0047
inch
-
ASTM D374
Appearance
Sticky
-
-
Visual
Phase change softening point
52
˚C
-
-
Specific Gravity
2.35
g/cm3
±0.2
ASTM D792
Working Temperature
-40~ 200
˚C
-
-
Surface Resistance
›1012
Ohm-cm
-
ASTM D257
Elongation
5
%
±13
ASTM D412
Tensile Strength
0.1
Kgf/cm2
ASTM D412
Standard Shape
-
Sheet ones
-
-
Thermal Resistance 30psi
0.1
˚c-cm2/w
-
-
Available with an adhesive backing
1. Part Number
2. Size X-Y-Z
3. Quantity
Tel: +44 20 8133 2062 Email: sales@tglobaltechnology.com Web: www.tglobaltechnology.com Skype: tglobal.technology


Similar Part No. - PC99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC99AL ETC2-PC99AL Datasheet
668Kb / 1P
Aluminium backed
PC99P ETC2-PC99P Datasheet
668Kb / 1P
Backed on high dielectric breakdown polyimide
More results

Similar Description - PC99

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
Low thermal resistance
02-May-16
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com