Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC99AL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC99AL
Description  Aluminium backed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC99AL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC99AL Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC99AL
Phase Change Material
Reusable
Aluminium backed
Electronic components: IC / CPU / MOS
LED / M/B / P/S / Heat Sink / LCD-TV / Notebook PC / PC / Telecom Device /
Wireless Hub etc....
DDR II Module / DVD Applications / Hand-Set applications etc...
Features
Applications
Properties
REACH Compliant
RoHS Compliant
Property
PC99AL
Unit
Test Method
Colour
Grey
-
Visual
Thickness
0.10
mm
ASTM D374
Total Mass Loss
‹0.4
%
ASTM E595
Working Temperature
-30 to 125
ºC
-
Operating Temperature
20~60
ºC
-
Phase change Temperature
51
ºC
-
Volume Resistance
›102
Ohm-cm
ASTM D257
Dielectric Strength
No Insulation
VAC
ASTM D149
Thermal Conductivity
1.5
W/mK
ASTM D5470
Thermal Impedance
@ 1mil BLT
0.23
ºC in 2/W
ASTM D5470
Thermal impedance
@ 2mil BLT
0.12
ºC in 2/W
ASTM D5470
Thermal impedance
@ 3mil BLT
0.10
ºC in 2/W
ASTM D5470
UL Flammability
V-0
-
UL94
Available with an adhesive backing
Standard Packaging:
Sheets: “ (310.mm x 210.mm)
1. Part Number
2. Size X-Y-Z
3. Quantity
Colour may differ from that shown here
AL
AL
AL
Tel: +44 20 8133 2062 Email: sales@tglobaltechnology.com Web: www.tglobaltechnology.com Skype: tglobal.technology


Similar Part No. - PC99AL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
PC99P ETC2-PC99P Datasheet
668Kb / 1P
Backed on high dielectric breakdown polyimide
More results

Similar Description - PC99AL

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPTX1006 DIALIGHT-OPTX1006 Datasheet
119Kb / 2P
ADHESIVE-BACKED LENS
logo
PANDUIT CORP.
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
ADHESIVE BACKED MOUNT
logo
Pulse A Technitrol Comp...
W3579 PULSE-W3579 Datasheet
697Kb / 2P
Ferrite-backed Embedded
logo
FIBOX Enclosing innovat...
7811210 FIBOX-7811210 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.202
7811270 FIBOX-7811270 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.2023
7811290 FIBOX-7811290 Datasheet
59Kb / 2P
Enclosure, aluminium
11.01.2023
7811370 FIBOX-7811370 Datasheet
442Kb / 2P
Enclosure, aluminium
11.01.2023
7811380 FIBOX-7811380 Datasheet
58Kb / 2P
Enclosure, aluminium
11.01.2023
7811390 FIBOX-7811390 Datasheet
439Kb / 2P
Enclosure, aluminium
11.01.2023
7811250 FIBOX-7811250 Datasheet
40Kb / 1P
Enclosure, aluminium
11.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com