Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC99P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC99P
Description  Backed on high dielectric breakdown polyimide
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC99P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC99P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC99P
Phase Change Material
Backed on high dielectric breakdown polyimide
Electronic components: IC / CPU / MOS
LED / M/B / P/S / Heat Sink / LCD-TV / Notebook PC / PC / Telecom Device /
Wireless Hub etc....
DDR II Module / DVD Applications / Hand-Set applications etc...
Features
Applications
Properties
REACH Compliant
RoHS Compliant
Property
PC99P
Unit
Test Method
Colour
Grey
-
Visual
Thickness
0.10
mm
ASTM D374
Total Mass Loss
‹0.4
%
ASTM E595
Working Temperature
-30 to 125
ºC
-
Operating Temperature
20~30
ºC
-
Phase change Temperature
51
ºC
-
Volume Resistance
›1010
Ohm-cm
ASTM D257
Dielectric Strength
6000
VAC
ASTM D149
Thermal Conductivity
1.3
W/mK
ASTM D5470
Thermal Impedance
@ 1mil BLT
0.27
ºC in 2/W
ASTM D5470
Thermal impedance
@ 2mil BLT
0.15
ºC in 2/W
ASTM D5470
Thermal impedance
@ 3mil BLT
0.12
ºC in 2/W
ASTM D5470
UL Flammability
V-0
-
UL94
Available with an adhesive backing
Standard Packaging:
Sheets: “ (310.mm x 210.mm)
Tel: +44 20 8133 2062 Email: sales@tglobaltechnology.com Web: www.tglobaltechnology.com Skype: tglobal.technology
1. Part Number
2. Size X-Y-Z
3. Quantity
Colour may differ from that shown here
P
P
P


Similar Part No. - PC99P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
PC99AL ETC2-PC99AL Datasheet
668Kb / 1P
Aluminium backed
More results

Similar Description - PC99P

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BAT46W WINNERJOIN-BAT46W Datasheet
102Kb / 2P
High Breakdown Voltage
logo
List of Unclassifed Man...
PC99AL ETC2-PC99AL Datasheet
668Kb / 1P
Aluminium backed
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
High breakdown voltage
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
High breakdown voltage
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
High Breakdown Voltage
logo
List of Unclassifed Man...
BP-LMS-500P ETC2-BP-LMS-500P Datasheet
442Kb / 2P
Polyimide film provides high dielectric strength
logo
SemiHow Co.,Ltd.
HDAE60F60G SEMIHOW-HDAE60F60G Datasheet
435Kb / 3P
High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
High breakdown voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com