Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STM32
Description  EasyMx PRO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STM32 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STM32 Datasheet HTML 1Page - List of Unclassifed Manufacturers STM32 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW9
SW8
SW7
SW6
SW10
SW5
SW4
SW3
SW2
SW1
8
7
6
5
AN
RST
CS
SCK
MISO
MOSI
3.3V
GND
PWM
INT
RX
TX
SCL
SDA
5V
GND
AN
RST
CS
SCK
MISO
MOSI
3.3V
GND
PWM
INT
RX
TX
SCL
SDA
5V
GND
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
UP
DOWN
PULL
UP
DOWN
PULL
UP
DOWN
PULL
UP
DOWN
PULL
UP
DOWN
PULL
UP
DOWN
PULL
UP
DOWN
PULL
UP
DOWN
PULL
UP
DOWN
PULL
VCC
GND
BUTTON PRESS LEVEL
R26
220
R27
220
VCC-3.3V
PORTA_LEVEL
CN19
PHONEJACK
L
R
C2
10nF
C3
47nF
C4
10nF
GBUF
C23
100nF
C22
100nF
C21
100nF
C15
100nF
C17
100nF
C14
100nF
C18
100nF
C19
100nF
C20
100nF
VCC-1.8V
C16
2.2uF
VCC-3.3V
E5
10uF
CN21
MICROPHONE
E3
10uF
E2
10uF
C9
100pF
C8
100pF
C10
100pF
VCC-3.3V
MICN
MICP
MIC
2
XRESE
3
DGND
4
CVDD
5
IOVDD
6
CVDD
7
GPIO
11
GPIO7
12
25
DRE
8
MCP/LN
1
GPIO
9
GPIO
10
27
26
28
29
30
31
33
34
35
36
MCP/LN1
MICN
XRESET
DGND0
CVDD0
IOVDD0
CVDD1
DREQ
GPIO2
GPIO3
GPIO6
GPIO7
GPIO5
RX
TX
SCLK
SI
SO
XTEST
GPIO1
GND
GPIO4
VS1053
U1
1
2
3
IN
GND
OUT
5
4
EN ADJ
U3
AP7331-ADJ
R23
120K
R24
22K
R25
12K1
R11
1K
R13
1K
R17
1K
R19
1K
R5
10
R6
20
R7
20
R1 10
R3 10
VCC-1.8V
VCC-3.3V
C1
1uF
R20
100K
R4
10K
VCC-3.3V
R9 27
R12 27
PH_MISO
PH_MOSI
PH_SCK
MP3-DREQ
MP3-RST#
MICN
MICP
X1
12.288MHz
R22
1M
C13
22pF
C12
22pF
R8
100k
R16
10K
VCC-3.3V
C38
100nF
VCC-5V
2
1
3
GND
Vout
Vin
REG1
MC33269DT3.3
E16
10uF
3.3V VOLTAGE REGULATOR
VCC-3.3V
E17
220uF/35V
C37
100nF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
MCU CARD SOCKET
E12
10uF
VCC-3.3V
E11
10uF
VCC-3.3V
E7
10uF
VCC-3.3V
E8
10uF
VCC-3.3V
VCC-3.3V
GND
VCC-3.3V
GND
VCC-3.3V
GND
P1
10K
R42
220
J8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
TXD
DTR#
RTS#
VCCIO
RXD
RI#
GND
NC
DSR#
DCD#
CTS#
CBUS4
CBUS2
CBUS3
CBUS0
CBUS1
OSCO
OSCI
TEST
AGND
NC
GND
GND
VCC
RESET#
3V3OUT
USBDM
USBDP
FT232RL
U2
FT232RL
VCC-3.3V
VCC-5V
C11
100nF
LD69
LD70
RX-LED1
TX-LED1
R15
4K7
R14
2K2
VCC-3.3V
VCC-3.3V
R18
4K7
R21
10K
1
2
3
4
VCC
GND
D-
D+
CN22
USB B
C6
100nF
C7
100nF
E1
10uF
VCC-5V
VCC-5V
VCC-3.3V
TX-FTDI1
RX-FTDI1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
TXD
DTR#
RTS#
VCCIO
RXD
RI#
GND
NC
DSR#
DCD#
CTS#
CBUS4
CBUS2
CBUS3
CBUS0
CBUS1
OSCO
OSCI
TEST
AGND
NC
GND
GND
VCC
RESET#
3V3OUT
USBDM
USBDP
FT232RL
U4
FT232RL
VCC-3.3V
VCC-5V
C26
100nF
LD73
LD74
RX-LED2
TX-LED2
R30
4K7
R29
2K2
VCC-3.3V
VCC-3.3V
R37
4K7
R38
10K
1
2
3
4
VCC
GND
D-
D+
CN23
USB B
C24
100nF
C25
100nF
E6
10uF
VCC-5V
VCC-5V
VCC-3.3V
TX-FTDI2
RX-FTDI2
TD+
CT
TD-
RD+
RD-
CT
CN25
RJ45
R46
51
R49
51
R54
51
R55
51
R44
270
R60
270
LD77
LD75
FP3
C33
10nF
C32
10nF
VCC-3.3V
EEPROM-SDA
EEPROM-SCL
SW15
SW13
SW14
J7
J6
R35
10K
Q1
BC846
R28
1K
VCC-5V
1
2
3
4
VCC
GND
D-
D+
CN26
USB B
R50 27
R53 27
LD76
R58
4K7
GND
GND
USB-D_N
USB-D_P
VCC-3.3V
NRST
R45
10K
R47
100
C31
100nF
2
1
VCC-3.3V
VCC-5V
C36
100nF
1
2
3
5
4
6
7
8
A0
A1
A2
VSS
SDA
SCL
WP
VCC
U9
24AA01 EEPROM
VCC-3.3V
VCC-3.3V
VCC-3.3V
R72
2K2
R73
2K2
VCC-3.3V
EEPROM-SCL
EEPROM-SDA
1
2
3
5
4
6
7
8
CS
SDO
WP
GND
SDI
SCK
HOLD
VCC
U6
25P80
VCC-3.3V
R39
100K
C27
100nF
VCC-3.3V
FLASH-CS#
PH_MISO
PH_MOSI
PH_SCK
1
2
4
5
6
7
CS
Din
+3.3V
SCK
GND
Dout
CD
CN27
MICROSD
FP2
FERRITE
E13
10uF
VCC-3.3V
VCC-MMC
VCC-MMC
R52
10K
R51
10K
SD-CS#
PH_MISO
PH_MOSI
PH_SCK
SD-CD#
R56
27
R43
27
VCC-3.3V
C34
100nF
VCC-3.3V
R57 10
CN28
CANH
CANL
TX-CAN
RX-CAN
Q3
BC856
Q4
BC846
R61
10K
R59
1K
VREF
R65
10K
R63
4K7
VCC-3.3V
Q6
BC856
VREF
R67
10K
Q7
BC846
R71
10K
C35
10nF
R70
100K
Q8
BC846
R78
10K
C40
10nF
R77
100K
R75
4K7
VCC-3.3V
RIGHT
TOP
DRIVEA
DRIVEB
E14
10uF
VCC-3.3V
C30
100nF
FP4
FERRITE
E15
10uF
VCC-1.8V
VREF
4
5
6
1
2
3
KEY1
R81
220
VCC-5V
R34
47K
R36
10K
VCC-3.3V
USB-PSW
1
2
3
4
VCC
GND
D-
D+
CN24
USB A
E9
10uF
USB-D_N
USB-D_P
USB-VBUS
FTDI1-D_N
FTDI1-D_P
FTDI2-D_P
FTDI2-D_N
FLASH-CS#
PH_MOSI
PH_MISO
PH_SCK
MP3-DREQ
MP3-RST#
MP3-CS#
MP3-DCS
SD-CS#
SD-CD#
1
2
3
4
VCC
GND
D-
D+
CN20
USB B
VCC-USB
FP1
C5
100nF
USB-PROG_N
USB-PROG_P
VCC-3.3V
LINK
R2
2K2
LD68
LED_STLINK
J1
J2
J3
J4
TCK/SWCLK
TMS/SWDIO
TDI
TDO/SWO
LD8
LD7
LD6
LD5
LD4
LD3
LD12
LD11
LD10
LD9
LD21
LD20
LD19
LD18
LD17
LD29
LD28
LD27
LD26
LD25
LD24
LD23
LD22
LD35
LD34
LD33
LD32
LD31
LD30
LD43
LD42
LD41
LD40
LD39
LD38
LD2
LD1
LD51
LD50
LD44
LD59
LD58
LD57
LD56
LD55
LD54
LD53
LD52
LD67
LD66
LD65
LD64
LD63
LD62
LD61
LD60
RN8
10K
RN7
10K
RN6
10K
RN5
10K
RN4
10K
RN3
10K
RN16
10K
RN15
10K
RN14
10K
RN13
10K
RN12
10K
RN11
10K
RN10
10K
RN9
10K
RN21
10K
RN20
10K
RN19
10K
RN18
10K
RN17
10K
RN29
10K
RN28
10K
RN27
10K
RN26
10K
RN25
10K
RN24
10K
RN23
10K
RN22
10K
RN35
10K
RN34
10K
RN33
10K
RN32
10K
RN31
10K
RN30
10K
RN43
10K
RN42
10K
RN41
10K
RN40
10K
RN39
10K
RN38
10K
RN2
10K
RN1
10K
RN51
10K
RN50
10K
RN44
10K
RN59
10K
RN58
10K
RN57
10K
RN56
10K
RN55
10K
RN54
10K
RN53
10K
RN52
10K
RN67
10K
RN66
10K
RN65
10K
RN64
10K
RN63
10K
RN62
10K
RN61
10K
RN60
10K
12345678
+
_
12345678
+
_
12345678
+
_
12345678
+
_
12345678
+
_
12345678
+
_
12345678
+
_
12345678
+
_
12345678
+
_
12345678
+
_
CN1
CN3
CN5
CN7
CN9
CN11
CN13
CN15
CN17
CN2
CN4
CN6
CN8
CN10
CN12
CN14
CN16
CN18
T68
T8
T7
T6
T5
T4
T3
T16
T15
T14
T13
T12
T11
T10
T9
T21
T20
T19
T18
T17
T29
T28
T27
T26
T25
T24
T23
T22
T35
T34
T33
T32
T31
T30
T43
T42
T41
T40
T39
T38
T2
T1
T51
T50
T44
T59
T58
T57
T56
T55
T54
T53
T52
T67
T66
T65
T64
T63
T62
T61
T60
LD37
RN37
10K
T37
LD36
RN36
10K
T36
LD48
RN48
10K
T48
LD47
RN47
10K
T47
LD46
RN46
10K
T46
LD45
RN45
10K
T45
LD49
RN49
10K
T49
UP
LEFT
CENTER
RIGHT
DOWN
R48 100
NRST
VCC-3.3V
VCC-USB
1
2
3
5
4
6
7
8
D
GND
Vdd
R
Vref
CANL
CANH
Rs
U7
SN65HVD230
VCC-3.3V
RX
TX
RX
TX
ON
LED1
LED2
RESET
E4
10uF
J5
TRST
PORTA_LEVEL
PORTB_H_LED
PORTB_H_LEVEL
PORTB_L_LED
PORTB_L_LEVEL
PORTC_H_LED
PORTC_H_LEVEL
PORTC_L_LED
PORTC_L_LEVEL
PORTD_H_LED
PORTD_H_LEVEL
PORTD_L_LED
PORTD_L_LEVEL
PORTE_H_LED
PORTE_H_LEVEL
PA8
PA9
PA10
PA11
PA12
PA13
PA15
PA14
PA8
PA9
PA10
PA11
PA12
PA13
PA15
PA14
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PB8
PB9
PB10
PB11
PB12
PB8
PB9
PB10
PB11
PB12
PB0
PB2
PB3
PB4
PB5
PB6
PB7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PB1
PC8
PC9
PC10
PC11
PC12
PC13
PC8
PC9
PC10
PC11
PC12
PC13
PC0
PC2
PC3
PC4
PC5
PC6
PC7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PC1
PD8
PD9
PD10
PD11
PD12
PD13
PD15
PD14
PD8
PD9
PD10
PD11
PD12
PD13
PD15
PD14
PD0
PD2
PD3
PD4
PD5
PD6
PD7
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD1
PE8
PE9
PE10
PE11
PE12
PE13
PE15
PE14
PE8
PE9
PE10
PE11
PE12
PE13
PE15
PE14
PC6
PC7
PC8
PC9
PD8
PD9
PD10
PD11
PD12
PD13
PD14
PD15
PB12
PA8
TX_P
TX_N
RX_P
RX_N
DS1820
DS1820
PA13
PA14
PA15
PB3
PB4
PB5
PB6
PB7
PB8
PB9
BT0
PE0
PE1
NRST
PE2
PE3
PE4
PE5
PE6
PC0
PC2
PC3
PA0
PA1
MCU_VREF
PC13
PC1
PORTB_H_LED
PORTB_L_LED
PORTC_H_LED
PORTC_L_LED
PORTD_H_LED
PORTD_L_LED
PORTE_H_LED
Q5
BC846
R62
20
R66
4K7
R64
1K
BCK_PWM
VCC-3.3V
P2
10K
CN29
VCC-5V
PE14
VCC-3.3V
VCC-5V
C28
100nF
TX_P
TX_N
RX_P
RX_N
LEFT
BOTTOM
VCC-3.3V
PC6
PC7
PC8
PC9
PD8
PD9
PD10
PD11
PD12
PD13
PD14
PD15
PA13-MCU
PA14-MCU
PA15-MCU
PD2
PD3
PD4
PD7
PB3-MCU
PB4-MCU
PB6
PB7
PB8
PB9
PC0
PC2
PC3
PA0
PC13
PA3
PA4
PA5
PA6
PB10
PA4
PA5
PA6
PB6
PB7
PB6
PB7
PA3
PD5
PD6
1
2
3
OUT
GND
IN
5
4
OC
EN
U5
TPS2041B
VCC-3.3V
LD71
R31
4K7
E10
10uF
MCU_MOSI
MCU_SCK
MCU_MISO
MCU_MOSI
MCU_SCK
MCU_MISO
Q2
BC846
R41
10K
LD72
R32
2K2
VCC-5V
D2
BAT43
D1
BAT43
R40
100
USB-VBUS
ON
OC
J9
D3
1N4007
D4
1N4007
D5
1N4007
D6
1N4007
CN30
CN31
VCC-5V
POWER
R68
2K2
LD78
E18
220uF/35V
E19
220uF/35V
MCU_MOSI
MCU_SCK
MCU_MISO
BUZZER
BUZZER
LED1
LED2
LED1
LED2
VCC-3.3V
LD13
LD14
LD15
LD16
MCU_MOSI
MCU_SCK
MCU_MISO
D_N
D_P
GROUND PROBES
SW11
SW12
TX-FTDI1
RX-FTDI1
TX-FTDI2
RX-FTDI2
TX-CAN
RX-CAN
USB-PSW
USB-VBUS
DRIVEA
DRIVEB
VCC-5V
BT0
BCK_LIGHT
BCK_PWM
PE9
LEFT
BOTTOM
PA9
PD0
PD1
PD5
PD6
PB0
PB1
PA9
PA10
PB5
PB2
PA10
VCC-3.3V
PORTA_LED
PORTA_LED
FP5
FERRITE
E20
10uF
VCC-1.8V
MCU_VREF
R80
1K
PORTA_LED
PC0
120
21
24
CN32
GLCD-TFT SOCKET
1
2
3
4
SWC
SWE
CT
GND
DRVC
IPK
VIN
CMPR
U8
MC34063A
R69
0.22
R74
3K
VCC-SW
C39
220pF
D7
MBRS140T3
L1
220uH
VCC-EXT
R76
1K
VCC-5V
SWITCH1
VCC-USB
VCC-SW
+-
5V SWITCHING POWER SUPPLY
PZ1
BUZZER
VCC-1.8V
C42
100nF
VCC-1.8V
GLCD_VEE
VEE
LM35
3
2
1 TS1
DS1820
VCC-3.3V
R33
1K5
DS1820
1
2
3
TS2
LM35
VCC-5V
C29
100nF
LM35
C41
100nF
R79
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com