Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C080-90PI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27C080-90PI
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080-90PI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27C080-90PI Datasheet HTML 1Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 2Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 3Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 4Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 5Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 6Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 7Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 8Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AT27C080
3
Absolute Maximum Ratings*
Temperature Under Bias ...................-55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions beyond those
indicated in the operational sections of this
specification is not implied. Exposure to abso-
lute maximum rating conditions for extended
periods may affect device reliability.
Note:
1.
Minimum voltage is -0.6V DC which may
undershoot to -2.0V for pulses of less than 20
ns. Maximum output pin voltage is VCC +
0.75V DC which may overshoot to +7.0V for
pulses of less than 20 ns.
Storage Temperature.........................-65°C to +150°C
Voltage on Any Pin with
Respect to Ground ............................-2.0V to +7.0V
(1)
Voltage on A9 with
Respect to Ground .........................-2.0V to +14.0V(1)
V
PP Supply Voltage with
Respect to Ground ..........................-2.0V to +14.0V(1)
Integrated UV Erase Dose................ 7258 W•sec/cm2
Operating Modes
Notes:
1. X can be V
IL or VIH.
2. Refer to Programming Characteristics.
3. V
H = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (V
IL), except A9 which is set to VH and A0 which is toggled
low (V
IL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Mode/Pin
CE
OE/V
PP
Ai
Outputs
Read
V
IL
V
IL
Ai
D
OUT
Output Disable
X
V
IH
X(1)
High Z
Standby
V
IH
XX
High Z
Rapid Program(2)
V
IL
V
PP
Ai
D
IN
PGM Verify
V
IL
V
IL
Ai
D
OUT
PGM Inhibit
V
IH
V
PP
XHigh Z
Product Identification(4)
V
IL
V
IL
A9 = V
H
(3)
A0 = V
IH or VIL
A1 - A19 = V
IL
Identification Code
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com