Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGAT-R-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CGAT-R-12
Description  RaySpool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CGAT-R-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CGAT-R-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RaySpool
Performance
Specifications
CGAT
CGAT
CGAT
CGAT
Ordering information
Standard colours
Temperature rating
Test
Test method
Requirement
Heat Ageing:
ISO 188 (168h at 125°C)
Tensile strength:15 MPa (min)
Ultimate elongation:300% (min)
Corrosion resistance:
ASTM D2671 (16h at 150°C) No corrosion of mirrors
Flame retardancy:
MVSS 302
100 mm/min (max)
Fluid resistance:
24 h at 23°C, ISO 37
Ultimate elongation
Tensile strength:
15 MPa (min)
200% (min)
Hydraulic fluid (J1703)
Battery acid
Anti freeze
For full product performance details consult Raychem Specification RW 2051.
To ensure dimensional stability, LSTT should be stored at temperatures not exceeding 40°C.
Raychem Specification RW 2051.
A flexible adhesive lined heat-shrinkable
tubing. It has a flame retarded jacket and
offers a balance of both electrical insulation
and environmental sealing.
Typical applications are environmental
sealing for electrical components, wire
breakouts and cable jackets.
Inside diameter
Wall thickness
Standard package
D (min)
Expanded as
supplied
d (max)
Recovered
after heating
W (nom)
Recovered
after heating
W1 (nom)
Meltable wall
recovered
after heating
Spool
quantity
mm
mm
mm
mm
m
Ordering description
3:1 Shrink ratio
3.0xxxx
1.0
1.00
0.5
5.0
CGAT-R-3/1- 0
6.0xxxx
2.0
1.00
0.5
3.5
CGAT-R-6/2- 0
9.0xxxx
3.0
1.35
0.6
3.0
CGAT-R-9/3- 0
12.0xxxx
4.0
1.50
0.7
2.5
CGAT-R-12/4-0
18.0xxxx
6.0
1.70
0.8
2.0
CGAT-R-18/6-0
24.0xxxx
8.0
1.95
1.0
1.5
CGAT-R-24/8-0
Kit contains sizes indicated by x
CGAT-R- KIT-1
Colour
Black
Code
0
Operating temperature range:
-30
°C to +80°C
Minimum shrink temperature:
+80
°C
Minimum full recovery temperature:
+115°C
W1
W
d
D


Similar Part No. - CGAT-R-12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com