Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF09P064HTXLF Datasheet(PDF) 1 Page - FCI connector

Part # DBF09P064HTXLF
Description  D-SUB SOLDER BUCKET CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

DBF09P064HTXLF Datasheet(HTML) 1 Page - FCI connector

  DBF09P064HTXLF Datasheet HTML 1Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STD MOUNTING
LEAD FREE DETAILS ADDED
e
VIEW OF MATING FACE
NO.OF CONTACTS
0 / BLANK - SOLDER BUCKET
TERMINATION TYPE
CONTACTS
09,15,25,37,50
P - PIN
S - SOCKET
V-FEM. SCREW LOCK HEX. (UNC)
N-THREADED FEM. SCREW LOCK M3
W-RIVETED FEM. SCREW LOCK ROUND UNC
L-CLINCH NUT (M3)
O-CLINCH NUT (UNC)
E,A,B,C,D
SHELL SIZE
F-FLOAT MOUNTING
BLANK-STANDARD
OPTIONS
C-D-SUB-0064
D SERIES
67 - 0.4 Au
D- SUB SOLDER BUCKET CONNECTOR
(WITH ASSEMBLY OPTIONS)
Mini K Vandanath
K Somasundaram
Elias C Thomas
George V Joseph
20/03/1999
REFER TECHNICAL SPECIFICTIONS
20/03/1999
D-SUB
A2
LINEAR
ANGULAR ±1°
e
T-STD. TIN / Cu
OPTIONS
BLANK-0.2 Au
65 - 0.75 Au
64 - Au FLASH
M-METAL BRACKET
C-WITHOUT BRACKET
H-SHIELDING TERMINATION FINGERS
G-HARPOON
CONTACT PLATING
BLANK-STANDARD
DIMPLES
B - BLACK
X-ON MALE CONNECTORS ONLY
BLANK-ZINC
SHELL PLATING
INSULATOR COLOUR
SPECIAL CODES
BLANK- NATURAL
D B V 25
P
0
64
C
T
X
B
XXX LF
THE HOUSING WILL WITHSTAND EXPOSURE TO
260-265°C IF WE USE PROTECTIVE ADHESIVE
(Kapton or Teflon)OR PROTECTIVE
NICKEL UNDER PLATE(ON TERMINATION ZONE)
2
MIN.MATTE TIN TOP OVER 1.27 MIN.
SELF EXTINGUISHING THERMOPLASTIC-
GOLD OVER NICKEL (ACTIVE ZONE)
TINLEAD OVER NICKEL (TERMINATION ZONE)
TIN/CADMIUM/ZINC PLATED STEEL
LAY OUT OF 50P CONNECTOR
SEE NOTE
>5000 M
INSULATION RESISTANCE
SERIES
DAMP HEAT
MECHANICAL ENDURANCE
MAXIMUM VOLTAGE
WIRE SIZE
ORDERING INFORMATION
1000 V.r.m.s
200 MATINGS .
0.6 MM (AWG 20) MAX.
21 DAYS.
2
CONTACT RESISTANCE
OPERATING CURRENT
OPERATING TEMPERATURE
FOR LEAD FREE PLATING
INSULATOR MATERIAL
-55°C +125°C
5 A PER CONTACT
<10m
TO UL CLASS 94 V0
:
FLOAT MOUNTING
TECHNICAL SPECIFICATIONS
CONTACTS DIA ON ACTIVE AREA
SHELLS
CONTACTS MATERIAL
CONTACT PLATING
COPPER ALLOY
:
:
Ø1 MM.
:
:
:
LEAD FREE
METALLIC DEVICE
regulations as described in GS-22-008"
"This LF product meets European Union Directives and other country
28/12/2004
e
I04-0127 GVJ 28/12/04
28/12/2004
28/12/2004
Packaging as per GS-14-920
PDM: Rev:E
Released
.
STATUS:
Printed: Sep 28, 2005


Similar Part No. - DBF09P064HTXLF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DBF050166 VISHAY-DBF050166 Datasheet
255Kb / 3P
Feed-Through Capacitors with R 16 High Q Ceramic
21-Feb-02
DBF050166 VISHAY-DBF050166 Datasheet
140Kb / 3P
Feed-Through Capacitors with Conductor Rod
24-Jan-02
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
02-Sep-15
DBF050180 VISHAY-DBF050180 Datasheet
140Kb / 3P
Feed-Through Capacitors with Conductor Rod
24-Jan-02
More results

Similar Description - DBF09P064HTXLF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3 Datasheet
121Kb / 1P
FILTERED D CONNECTORS SOLDER BUCKET
logo
FCI connector
10090769 FCI-CONNECTOR-10090769 Datasheet
294Kb / 2P
H/D D-SUB MALE SOLDER BUCKET
10090770 FCI-CONNECTOR-10090770 Datasheet
284Kb / 2P
H/D D-SUB FEMALE SOLDER BUCKET
DBM25S FCI-CONNECTOR-DBM25S Datasheet
217Kb / 4P
SUB FEMALE DM HE501 series with solder bucket
C-DSUB-0064 FCI-CONNECTOR-C-DSUB-0064 Datasheet
288Kb / 1P
D SUB SOLDER BUCKET CONNECTOR
logo
Dubilier
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3_11 Datasheet
447Kb / 3P
FILTERED D CONNECTORS SOLDER BUCKET
DBCTDM1SB093 DUBILIER-DBCTDM1SB093 Datasheet
499Kb / 4P
D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
logo
FCI connector
DEM09P FCI-CONNECTOR-DEM09P Datasheet
303Kb / 4P
SUB MALE DM HE501 series with solder bucket
DC37P065TXLF FCI-CONNECTOR-DC37P065TXLF Datasheet
288Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR (WITH ASSEMBLY OPTIONS)
DE09P064TXLF FCI-CONNECTOR-DE09P064TXLF Datasheet
288Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com