Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877A Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F877A
Description  28/40/44-Pin Enhanced Flash Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877A Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F877A Datasheet HTML 17Page - Microchip Technology PIC16F877A Datasheet HTML 18Page - Microchip Technology PIC16F877A Datasheet HTML 19Page - Microchip Technology PIC16F877A Datasheet HTML 20Page - Microchip Technology PIC16F877A Datasheet HTML 21Page - Microchip Technology PIC16F877A Datasheet HTML 22Page - Microchip Technology PIC16F877A Datasheet HTML 23Page - Microchip Technology PIC16F877A Datasheet HTML 24Page - Microchip Technology PIC16F877A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 234 page
background image
 2001-2013 Microchip Technology Inc.
DS39582C-page 21
PIC16F87XA
Bank 2
100h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000 31, 150
101h
TMR0
Timer0 Module Register
xxxx xxxx
55, 150
102h(3)
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
30, 150
103h(3)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
22, 150
104h(3)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
31, 150
105h
—
Unimplemented
—
—
106h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
45, 150
107h
—
Unimplemented
—
—
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah(1,3) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
30, 150
10Bh(3)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
24, 150
10Ch
EEDATA
EEPROM Data Register Low Byte
xxxx xxxx
39, 151
10Dh
EEADR
EEPROM Address Register Low Byte
xxxx xxxx
39, 151
10Eh
EEDATH
—
—
EEPROM Data Register High Byte
--xx xxxx
39, 151
10Fh
EEADRH
—
—
—
—(5)
EEPROM Address Register High Byte
---- xxxx
39, 151
Bank 3
180h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000 31, 150
181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
23, 150
182h(3)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
30, 150
183h(3)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
22, 150
184h(3)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
31, 150
185h
—
Unimplemented
—
—
186h
TRISB
PORTB Data Direction Register
1111 1111
45, 150
187h
—
Unimplemented
—
—
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah(1,3) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
30, 150
18Bh(3)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
24, 150
18Ch
EECON1
EEPGD
—
—
—
WRERR
WREN
WR
RD
x--- x000
34, 151
18Dh
EECON2
EEPROM Control Register 2 (not a physical register)
---- ----
39, 151
18Eh
—
Reserved; maintain clear
0000 0000
—
18Fh
—
Reserved; maintain clear
0000 0000
—
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose
contents are transferred to the upper byte of the program counter.
2:
Bits PSPIE and PSPIF are reserved on PIC16F873A/876A devices; always maintain these bits clear.
3:
These registers can be addressed from any bank.
4:
PORTD, PORTE, TRISD and TRISE are not implemented on PIC16F873A/876A devices, read as ‘0’.
5:
Bit 4 of EEADRH implemented only on the PIC16F876A/877A devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com