Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSCDLNT015PASA3 Datasheet(PDF) 5 Page - Honeywell Accelerometers

Part # HSCDLNT015PASA3
Description  TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HSCDLNT015PASA3 Datasheet(HTML) 5 Page - Honeywell Accelerometers

  HSCDLNT015PASA3 Datasheet HTML 1Page - Honeywell Accelerometers HSCDLNT015PASA3 Datasheet HTML 2Page - Honeywell Accelerometers HSCDLNT015PASA3 Datasheet HTML 3Page - Honeywell Accelerometers HSCDLNT015PASA3 Datasheet HTML 4Page - Honeywell Accelerometers HSCDLNT015PASA3 Datasheet HTML 5Page - Honeywell Accelerometers HSCDLNT015PASA3 Datasheet HTML 6Page - Honeywell Accelerometers HSCDLNT015PASA3 Datasheet HTML 7Page - Honeywell Accelerometers HSCDLNT015PASA3 Datasheet HTML 8Page - Honeywell Accelerometers HSCDLNT015PASA3 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Honeywell Sensing and Control
5
Figure 2. Transfer Function Limits
Figure 3. Completed Catalog Listing Example
HSCSANN100PGSA3
SIP package, AN pressure port, no
diagnostics, 100 psi gage, SPI
output, 10% to 90% calibration at
3.3 Vdc.
Table 5. Pressure Types
Pressure Type
Description
Absolute
Output is proportional to the difference between applied pressure and a built-in reference to vacuum.
Pmin. is set at absolute zero pressure (full vacuum).
Differential
Output is proportional to the difference between the pressures applied to each port. (Port 1
Port 2)
50% point of transfer function set at Port 1 = Port 2.
Gage
Output is proportional to the difference between applied pressure and atmospheric (ambient)
pressure. Pmin. is set at atmospheric pressure.
Table 6. Sensor Output at Significant Percentages
% Output
Digital Counts (decimal)
Digital Counts (hex)
0
0
0x0000
10
1638
0x0666
50
8192
0x2000
90
14746
0x399A
100
16383
0x3FFF
Table 7. Pressure Range Specifications for 1 psi to 150 psi
Order Code
Pressure Range
Over-
pressure
16
Burst
Pressure
17
Common Mode
Pressure
18
Long-term
Stability
(1000 hr,
25 °C [77 °F])
Pmin.
Pmax.
Absolute
015PA
0 psi
15 psi
30 psi
60 psi
NA
0.25% FSS
030PA
0 psi
30 psi
60 psi
120 psi
NA
0.25% FSS
060PA
0 psi
60 psi
120 psi
240 psi
NA
0.25% FSS
100PA
0 psi
100 psi
250 psi
250 psi
NA
0.25% FSS
150PA
0 psi
150 psi
250 psi
250 psi
NA
0.25% FSS
Differential
001PD
-1 psi
1 psi
10 psi
10 psi
150 psi
0.35% FSS
005PD
-5 psi
5 psi
30 psi
40 psi
150 psi
0.35% FSS
015PD
-15 psi
15 psi
30 psi
60 psi
150 psi
0.25% FSS
030PD
-30 psi
30 psi
60 psi
120 psi
150 psi
0.25% FSS
060PD
-60 psi
60 psi
120 psi
240 psi
250 psi
0.25% FSS
Gage
001PG
0 psi
1 psi
10 psi
10 psi
150 psi
0.35% FSS
005PG
0 psi
5 psi
30 psi
40 psi
150 psi
0.35% FSS
015PG
0 psi
15 psi
30 psi
60 psi
150 psi
0.25% FSS
030PG
0 psi
30 psi
60 psi
120 psi
150 psi
0.25% FSS
060PG
0 psi
60 psi
120 psi
240 psi
250 psi
0.25% FSS
100PG
0 psi
100 psi
250 psi
250 psi
250 psi
0.25% FSS
150PG
0 psi
150 psi
250 psi
250 psi
250 psi
0.25% FSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com