Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTL
Description  PTL Series Slide Potentiometer w/LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTL Datasheet HTML 1Page - Bourns Electronic Solutions PTL Datasheet HTML 2Page - Bourns Electronic Solutions PTL Datasheet HTML 3Page - Bourns Electronic Solutions PTL Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
52.0
(2.047)
56.0±0.2
(2.205±.008)
60.0±0.5
(2.362±.020)
77.5
(3.052)
MAX.
55.0±0.1
(2.165±.004)
45.0±0.5
(1.772±.020)
1.1+0.2/-0
(.043+.008/-0)
DIA.6PLCS.
HOLES
2.05±0.1
(.081±.004)
0.6
(.024)
0.5
(.020)
5.5
(.217)
6.0±0.1
(.236±.004)
0.4
(.016)
6.6
(.260)
LED
MOUNTING
SURFACE
0.4
(.016)
M2X
2PLCS.
7.0±0.5
(.276±.020)
3.5±0.5
(.138±.020)
2.5±0.1
(.098±.004)
7.5±0.1
(.295±.004)
E
L
1
B
3
1
2
1.0±0.1
(.039±.004)
3.0
(.118)
5.5±0.1
(.217±.004)
L±0.5
(L±.020)
2.8
(.110)
9.0±0.5
(.354±.020)
Specificationsaresubjecttochangewithoutnotice.
Customersshouldverifyactualdeviceperformanceintheirspecificapplications.
PTLSeriesSlidePotentiometerw/LED
Product Dimensions
30 mm Length of Travel
DIMENSIONS:
MM
(INCHES)
2.05
± 0.1
(.081
± .004)
0.6
(.024)
40.0
± 0.1
(1.575
± .004)
1.1 +0.2/-0
(.043 +.008/-0)
DIA. 6 PLCS.
HOLES
2.5
± 0.1
(.098
± .004)
7.5
± 0.1
(.295
± .004)
E
L
1
B
3
2
37.0
(1.457)
41.0
± 0.2
(1.614
± .008)
45.0
± 0.5
(1.772
± .020)
0.4
(.016)
M2 X
2 PLCS.
1
2.8
(.110)
9.0
± 0.5
(.354
± .020)
30.0
± 0.5
(1.181
± .020)
0.5
(.020)
5.5
(.217)
6.0
± 0.1
(.236
± .004)
0.4
(.016)
6.6
(.260)
LED
MOUNTING
SURFACE
7.0
± 0.5
(.276
± .020)
3.5
± 0.5
(.138
± .020)
1.0
± 0.1
(.039
± .004)
3.0
(.118)
5.5
± 0.1
(.217
± .004)
L
± 0.5
(L
± .020)
Mounting Hole Detail
45 mm Length of Travel
Mounting Hole Detail
Applications
n
Mixingconsoles
n
Drummachines
n
Keyboardsandsynthesizers
n
Equalizers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com