Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSCDLNT030PASA3 Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # HSCDLNT030PASA3
Description  TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HSCDLNT030PASA3 Datasheet(HTML) 4 Page - Honeywell Accelerometers

  HSCDLNT030PASA3 Datasheet HTML 1Page - Honeywell Accelerometers HSCDLNT030PASA3 Datasheet HTML 2Page - Honeywell Accelerometers HSCDLNT030PASA3 Datasheet HTML 3Page - Honeywell Accelerometers HSCDLNT030PASA3 Datasheet HTML 4Page - Honeywell Accelerometers HSCDLNT030PASA3 Datasheet HTML 5Page - Honeywell Accelerometers HSCDLNT030PASA3 Datasheet HTML 6Page - Honeywell Accelerometers HSCDLNT030PASA3 Datasheet HTML 7Page - Honeywell Accelerometers HSCDLNT030PASA3 Datasheet HTML 8Page - Honeywell Accelerometers HSCDLNT030PASA3 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.honeywell.com/sensing
Figure 1. Nomenclature and Order Guide
AA = Dual axial
barbed ports,
opposite sides
DIP
Series
Package
D = DIP (Dual Inline Pin)
M = SMT (Surface Mount Technology)
S = SIP (Single Inline Pin)
Options
15
N = Dry gases only, no special options
D = Dry gases only, diagnostics on
T = Liquid media on Port 1, no diagnostics
V = Liquid media on Port 1, diagnostics on
Transfer Function
11
A = 10% to 90% of Vsupply
Output Type
12
S = SPI (not available in SIP package)
2 = I
2C, Address 0x28
3 = I
2C, Address 0x38
4 = I
2C, Address 0x48
5 = I
2C, Address 0x58
6 = I
2C, Address 0x68
7 = I
2C, Address 0x78
AN = Single
axial barbed
port
DR = Dual radial
barbed ports,
opposite sides
FF = Fastener
mount, dual axial
barbed ports,
opposite sides
FN = Fastener
mount, single axial
barbed port
HH = Fastener
mount, dual
radial barbed
ports, same side
HN = Fastener
mount, single
radial barbed
port
MN = Manifold
mount, outer
diameter seal
LN = Single
axial barbless
port
NB = Fastener
mount, dual axial
ports, same side
NN = No ports
RN = Single
radial barbed
port
RR = Dual radial
barbed ports,
same side
SN = Manifold
mount, inner
diameter seal
Pressure Port (* indicates not available)
SMT
SIP
AN = Single
axial barbed
port
AN = Single
axial barbed
port
DR = Dual radial
barbed ports,
opposite sides
DR =Dual radial
barbed ports,
opposite sides
LN = Single
axial barbless
port
RN = Single
radial barbed
port
RN = Single
radial barbed
port
RR = Dual radial
barbed ports,
same side
RR = Dual radial
barbed ports,
same side
NN = No ports
NN = No ports
HSC
_
_ _ _
_ _ _ _ _
_
A
LN = Single
axial barbless
port
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
_
Supply Voltage
3 = 3.3 Vdc
5 = 5.0 Vdc
GN = Ribbed
fastener mount,
single axial
barbed port
Pressure Range
13, 14
1 psi to 150 psi
Absolute
015PA = 0 psi to 15 psi
030PA = 0 psi to 30 psi
060PA = 0 psi to 60 psi
100PA = 0 psi to 100 psi
150PA = 0 psi to 150 psi
Differential
001PD = ±1 psi
005PD = ±5 psi
015PD = ±15 psi
030PD = ±30 psi
060PD = ±60 psi
Gage
001PG = 0 psi to 1 psi
005PG = 0 psi to 5 psi
015PG = 0 psi to 15 psi
030PG = 0 psi to 30 psi
060PG = 0 psi to 60 psi
100PG = 0 psi to 100 psi
150PG = 0 psi to 150 psi
60 mbar to 10 bar
Absolute
001BA = 0 bar to 1 bar
1.6BA = 0 bar to 1.6 bar
2.5BA = 0 bar to 2.5 bar
004BA = 0 bar to 4 bar
006BA = 0 bar to 6 bar
010BA = 0 bar to 10 bar
Differential
060MD = ±60 mbar
100MD = ±100 mbar
160MD = ±160 mbar
250MD = ±250 mbar
400MD = ±400 mbar
600MD = ±600 mbar
001BD = ±1 bar
1.6BD = ±1.6 bar
2.5BD = ±2.5 bar
004BD = ±4 bar
Gage
060MG = 0 mbar to 60 mbar
100MG = 0 mbar to 100 mbar
160MG = 0 mbar to 160 mbar
250MG = 0 mbar to 250 mbar
400MG = 0 bar to 400 mbar
600MG = 0 bar to 600 mbar
001BG = 0 bar to 1 bar
1.6BG = 0 bar to 1.6 bar
2.5BG = 0 bar to 2.5 bar
004BG = 0 bar to 4 bar
006BG = 0 bar to 6 bar
010BG = 0 bar to 10 bar
Notes:
11. The transfer function limits define the output of the sensor at a given pressure input. By specifying Pmin. and Pmax., the output at Pmin. and
Pmax., the complete transfer function of the sensor is defined. See Figure 2 for a graphical representation of the transfer function. Other
transfer functions are available. Contact Honeywell Customer Service for more information.
12. Analog output is also available. Contact Honeywell Customer Service for more information.
13. Custom pressure ranges are available. Contact Honeywell Customer Service for more information.
14. See Table 5 for an explanation of sensor pressure types.
15. See CAUTION on previous page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com