Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSF595 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NLSF595
Description  Serial (SPI) Tri-Color LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF595 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NLSF595 Datasheet HTML 6Page - ON Semiconductor NLSF595 Datasheet HTML 7Page - ON Semiconductor NLSF595 Datasheet HTML 8Page - ON Semiconductor NLSF595 Datasheet HTML 9Page - ON Semiconductor NLSF595 Datasheet HTML 10Page - ON Semiconductor NLSF595 Datasheet HTML 11Page - ON Semiconductor NLSF595 Datasheet HTML 12Page - ON Semiconductor NLSF595 Datasheet HTML 13Page - ON Semiconductor NLSF595 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
NLSF595
http://onsemi.com
13
PACKAGE DIMENSIONS
QFN16 3x3, 0.5P
CASE 485G−01
ISSUE F
16X
SEATING
PLANE
L
D
E
0.10 C
A
A1
e
D2
E2
b
1
4
8
9
16
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
B
A
0.10 C
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PIN 1
LOCATION
0.05 C
0.05 C
(A3)
C
NOTE 4
16X
0.10 C
0.05 C
A B
NOTE 3
K
16X
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
A1
A3
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
DETAIL A
DETAIL B
GENERIC
MARKING DIAGRAM*
XXXXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
XXXXX
XXXXX
ALYWG
G
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “G”,
may or may not be present.
(Note: Microdot may be in either loca-
tion)
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
2X
0.50
PITCH
1.84 3.30
1
DIMENSIONS: MILLIMETERS
0.58
16X
2X
0.30
16X
OUTLINE
PACKAGE
2X
2X
0.10 C A B
e/2
SOLDERING FOOTPRINT*
DIM MIN
NOM
MAX
MILLIMETERS
A
0.80
0.90
1.00
A1
0.00
0.03
0.05
A3
0.20 REF
b
0.18
0.24
0.30
D
3.00 BSC
D2
1.65
1.75
1.85
E
3.00 BSC
E2
1.65
1.75
1.85
e
0.50 BSC
K
0.18 TYP
L
0.30
0.40
0.50
L1
0.00
0.08
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com