Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC337 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BC337
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC337 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC337 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC337 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC337 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC337 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
◇For switching and AF amplifier applications
◇These types are subdivided into three groups -16, -25 and -40,
according to their DC current gain
◇Moisture sensitivity level 1
◇Driver transistor
◇Pb free version and RoHS compliant
◇Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
◇Case : TO-92 small outline plastic package
per MIL-STD-202, Method 208 guaranteed
◇High temperature soldering guaranteed: 260℃/10s
◇Wright approx.: 190 mg
BC337-16/25/40
TO-92
4K / AMMO
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Units
VCBO
V
VCEO
V
VEBO
V
IC
mA
ICM
A
PTOT
mW
TJ
OC
TSTG
OC
Symbol
Units
at VCB=50V
at VCB=30V
V(BR)EBO
V
VCE(sat)
V
VBE(on)
V
Transition Frequency
fT
MHz
Output Capacitance
Cob
pF
Version:A13
Max.
Typ.
250
400
-
-
100
at IC=2mA
BC338
25
-
-
Collector Emitter Breakdown Voltage
-
-
DC Current Gain
hFE
250
-
BC337
-
12
0.7
1.2
-
Min.
V
630
60
-
-
Current Gain Group -16
-25
BC338
at IC=500mA, IB=50mA
at IE=100uA
5
100
-40
160
at VCE=5V, IC=10mA, f=50MHz
at VCB=10V, f=1MHz
Collector Emitter Voltage
Collector Emitter Saturation Voltage
Junction Temperature
Emitter Base Breakdown Voltage
at VCE= 1 V, IC=100mA
Package
150
Parameter
Mechanical Data
Collector Base Voltage
Packing
Packing code
A1
Note:Detail please see "Ordering Information(detail, example)" below.
TO-92
BC337
BC338
45
30
25
Packing code
(Green)
A1G
Manufacture code
B0
-
50
30
Collector Base Breakdown Voltage
Small Signal Product
NPN Transistor
Ordering Information (example)
Part No.
5
at VCE= 1 V, IC=300mA
50
-
-
-
Emitter Base Voltage
Collector Current
-
V(BR)CBO
-
at IC=100uA
-
Peak Collector Current
1
Total Power Dissipation
625
Base Emitter On Voltage
at VCE=1V, IC=300mA
-
-
800
BC337
BC338
Parameter
Storage Temperature Range
- 55 to + 150
Collector Base Cutoff Current
ICBO
100
V
--
-
-
-
-
V
BC337…BC338-16/25/40
Features
BC337
V(BR)CEO
45
-
Marking
BC337-16/25/40
nA
100


Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC337 SEMTECH-BC337 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com