Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5492B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 5492B
Description  True RMS Bench Multimeter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5492B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  5492B Datasheet HTML 1Page - List of Unclassifed Manufacturers 5492B Datasheet HTML 2Page - List of Unclassifed Manufacturers 5492B Datasheet HTML 3Page - List of Unclassifed Manufacturers 5492B Datasheet HTML 4Page - List of Unclassifed Manufacturers 5492B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Period
Specifications (cont.)
5
w w w.bk prec ision.c om
True RMS Bench Multimeter
Model 5492B
v052412
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
ACV Range
Period Ran ge
Res olution
Fu ll Scale
Re ading
Accuracy(2)
I nput Se nsitiv ity
(Sin e Wave )
100 mV
to
750 V
1 ~ 10 µs
(1)
0.01 ns
9.99999
0.005
100 mVrms
10 µs ~ 10 ms
0.1 ns
9.99999
0.005
40 mVrms
10 ms ~ 100 ms
0.1 µs
99.9999
0.01
40 mVrms
100 ms ~ 200 ms
1 µs
199.999
0.05
200 mVrms
(1) If testing frequency is greater than 1MHz, it will be displayed but no specified accuracy is guaranteed.
(2) Specified accuracy at input >5 % of range.
Supplemental
Environmental
Operating Environ men t
0 °C to 40 °C, 32 ºF to 104 ºF
Storage En vironment
-40 °C to 70 °C -40 ºF to 158 ºF
Hu midity
≤ 90 %RH
General
Remote Interfaces
RS232, USB (virtual COM) GPIB (model 5492BGPIB only)
Measu reme nt Category
CAT II 300V, CAT I 1000V, pollution degree 2
Math Fu nctions
Rel, Max/Min/Average/StdDev (for stored readings), dB, dBm, Limit Test, % and mX+b
Input Vol tage
110/220 V ± 10%, 50/60 Hz ± 5%
Powe r Cons umption
≤ 20 VA
Safety & EMC
EN 61010-1:2001, EN61326-1:2006 and
EN61326-2-1:2006
Dimen sions (W×H×D )
8.85” x 3.93 “ x 13.97”
(225 mm×100 mm×355 mm)
Ne t Weig ht
5.51 lbs (2.5 kg)
Three Year Warranty
Included Accessories: Test leads, AC power cord, spare fuse, user manual, USB cable, calibration certificate and test report
Frequency
Resolution, Full Scale Reading and Accuracy ± (% of reading + % of range), 23 °C ± 5 °C
A CV
Range
Fre qu ency Range
R esolu tion
Fu ll Scale
Re ading
Accuracy(2)
Input Sensi ti vity
(Sine Wave )
100 mV
to
750 V
5 ~ 10 Hz
10 µHz
9.99999
0.05
200 mVrms
10 ~ 100Hz
100 µHz
99.9999
0.01
40 mVrms
100 ~ 100 kHz
1 mHz
999.999
0.005
40 mVrms
100 k ~ 1 MHz
(1)
1 Hz
999.999
0.005
100 mVrms
(1) If testing frequency is greater than 1MHz, it will be displayed but no specified accuracy is guaranteed.
(2) Specified accuracy at input >5 % of range.
Gate Time at 1 Sec.
Input protection: 750 Vrms or 500 Vdc
Gate Time at 1 Sec.
Input protection: 750 Vrms or 500 Vdc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com