Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JBXFD1G05MCSDSR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JBXFD1G05MCSDSR
Description  High reliability where quick, simple coupling mechanism is required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBXFD1G05MCSDSR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JBXFD1G05MCSDSR Datasheet HTML 1Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSR Datasheet HTML 2Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSR Datasheet HTML 3Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Push Pull Connectors
S
D
S
C
M
05
G
1
FD
JBX
M
Basic series
Shell type-Receptacle
ER-EA-SR-PC-ED-EP-EZ-SA
Shell type - Plug
FD-FC-FF-FM-FN
Shell size
00 - 0 - 1 - 2 - 3
Keying
G - J - A - B
Contact layout
02 ---------- 30
Contact type
M : pin
F : socket
Contact termination
C: crimp; S: solder; P*: straight PCB tails ; Q*: Right Angle PCB tails
Surface plating
S : Outer shell brass alloy chrome over nickel plating
N : Outer shell in brass alloy with black plating (consult Souriau USA)
Obligatory Suffix
D : For all part numbers
Contact Size
S : All contact diameters except .05 mm
P : 0.5 mm contact dimensions only
Cable Backnut Option
M : Connector with backnut for protective boot - Protective boot to order separately page 13
* For receptacles with female contacts only.
Part number system
Key Identifier
R : Red dot on shell for ED, ER, EZ, PC, SR, FC, FD, FF, FM & FN only
R
EP : fixed receptacle, back panel mounting, fixed rear
panel flange (appropriate with 90
° contacts for PCB)
ED : Front mount protruding shell panel mount
receptacle
ER : Front panel mount, fixed receptacle front flange
EA : Front or rear panel mount with double nuts
fixed receptacle
SR : Front panel mount cable receptacle. fixed
front flange
PC : Inline cable receptacle
EZ : PCB straight receptacle
FD : Straight plug
FC : Right angle plug
SA :Front or rear mount cable receptacle with
double nuts, panel mount
FN : Straight plug with lanyard
FM : Right angle plug with lanyard
FF : Straight plug, no latch
Shell Types
Mechanical
Electrical
Environmental
* IP40 & IP 67/68
* Temperature range: IP40 -40
° - +125°C
* Temperature range: IP67/68 -40
° - +80°C
* Shielding effectivity: 55dB up to 100MHg
Technical characteristics
* Shell: Brass alloy
* Shell plating: Chrome over nickel
* Insulator: Peek
* Contact: Brass
* Contact plating: Gold
* Up to 8 key options
* 7 Color code options
* 5 Shell sizes
* >1,000 Mating cycles
* Contact temination: Solder, Crimp
PCB, R/A PCB
* Contact rating:
0.5mm
2.0-2.5 Amp
0.7mm
5.0-7.0 Amp
0.9mm
7.0-10.0 Amp
1.3mm
11.0-15.0 Amp
1.6mm
15.0-17.0 Amp
2.0mm
25.0-30.0 Amp
Push Pull Connectors
Shell size 2
10
12
16
18
19
Solder
S
S**
S**
S**
S**
Crimp
C
C
C
C
C
PCB Straight Tails*
P
PPPP
PCB Right Angle*
Q
Q
Q
Contact Diameter mm
0.9
0.7
0.7
0.7
0.7
Shell size 3
03
04
07
10
Solder
S**
S**
S
S
S
S
S
S**
S**
Crimp
C
C
C
C
C
C
C
C
C
PCB Straight Tails*
XX
XX
XX
P
P
P
P
P
P
PCB Right Angle*
Contact Diameter mm
2
2
1.6
1.3
1.3
0.9
0.9
0.7
0.7
Male Insulator Wire Side
14
18
22
30
Male Insulator Wire Side
Contacts layouts
08
Shell size 2
02
03
04
05
06
07
08
Solder
S
S
S
S
S
S
S
Crimp
C
C
C
C
C
C
C
PCB Straight Tails*
XX
XX
P
P
P
P
P
PCB Right Angle*
Q
Q
Q
Q
Q
Contact Diameter mm
1.3
1.3
1.3
1.3
1.3
1.3
0.9
Male Insulator Wire Side
Please contact Souriau for additional technical information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com