Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28C64 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # 28C64
Description  64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

28C64 Datasheet(HTML) 2 Page - ATMEL Corporation

  28C64 Datasheet HTML 1Page - ATMEL Corporation 28C64 Datasheet HTML 2Page - ATMEL Corporation 28C64 Datasheet HTML 3Page - ATMEL Corporation 28C64 Datasheet HTML 4Page - ATMEL Corporation 28C64 Datasheet HTML 5Page - ATMEL Corporation 28C64 Datasheet HTML 6Page - ATMEL Corporation 28C64 Datasheet HTML 7Page - ATMEL Corporation 28C64 Datasheet HTML 8Page - ATMEL Corporation 28C64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AT28C64B
2
The AT28C64B is accessed like a Static RAM for the read
or write cycle without the need for external components.
The device contains a 64-byte page register to allow writing
of up to 64 bytes simultaneously. During a write cycle, the
addresses and 1 to 64 bytes of data are internally latched,
freeing the address and data bus for other operations. Fol-
lowing the initiation of a write cycle, the device will automat-
ically write the latched data using an internal control timer.
The end of a write cycle can be detected by DATA POLL-
ING of I/O
7. O nce th e en d of a write cycle has been
detected, a new access for a read or write can begin.
Atmel’s AT28C64B has additional features to ensure high
quality and manufacturability. The device utilizes internal
error correction for extended endurance and improved data
retention characteristics. An optional software data protec-
tion mechanism is available to guard against inadvertent
writes. The device also includes an extra 64 bytes of
EEPROM for device identification or tracking.
Block Diagram
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
Voltage on OE and A9
with Respect to Ground ...................................-0.6V to +13.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com