Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43312 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT43312
Description  Self- and Bus- Powered USB Hub Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43312 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT43312 Datasheet HTML 13Page - ATMEL Corporation AT43312 Datasheet HTML 14Page - ATMEL Corporation AT43312 Datasheet HTML 15Page - ATMEL Corporation AT43312 Datasheet HTML 16Page - ATMEL Corporation AT43312 Datasheet HTML 17Page - ATMEL Corporation AT43312 Datasheet HTML 18Page - ATMEL Corporation AT43312 Datasheet HTML 19Page - ATMEL Corporation AT43312 Datasheet HTML 20Page - ATMEL Corporation AT43312 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AT43312
21
Packaging Information
1.67(42.4)
1.64(41.7)
PIN
1
.566(14.4)
.530(13.5)
.090(2.29)
MAX
.005(.127)
MIN
.065(1.65)
.015(.381)
.022(.559)
.014(.356)
.065(1.65)
.041(1.04)
.630(16.0)
.590(15.0)
0
15
REF
.690(17.5)
.610(15.5)
.012(.305)
.008(.203)
.110(2.79)
.090(2.29)
.161(4.09)
.125(3.18)
SEATING
PLANE
.220(5.59)
MAX
1.500(38.10) REF
32R, 32-Lead, 0.440" Wide,
Plastic Gull Wing Small Outline (SOIC)
Dimensions in Inches and (MIllimeters)
32P6, 32-Lead, 0.600" Wide,
Plastic Dual Inline Package (PDIP)
Dimensions in Inches and (Millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com