Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45D021-TC Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT45D021-TC
Description  2-Megabit 5-volt Only Serial DataFlash
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D021-TC Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT45D021-TC Datasheet HTML 10Page - ATMEL Corporation AT45D021-TC Datasheet HTML 11Page - ATMEL Corporation AT45D021-TC Datasheet HTML 12Page - ATMEL Corporation AT45D021-TC Datasheet HTML 13Page - ATMEL Corporation AT45D021-TC Datasheet HTML 14Page - ATMEL Corporation AT45D021-TC Datasheet HTML 15Page - ATMEL Corporation AT45D021-TC Datasheet HTML 16Page - ATMEL Corporation AT45D021-TC Datasheet HTML 17Page - ATMEL Corporation AT45D021-TC Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
AT45D021
18
Packaging Information
.045(1.14) X 45°
PIN NO. 1
IDENTIFY
.025(.635) X 30° - 45°
.012(.305)
.008(.203)
.021(.533)
.013(.330)
.530(13.5)
.490(12.4)
.030(.762)
.015(3.81)
.095(2.41)
.060(1.52)
.140(3.56)
.120(3.05)
.032(.813)
.026(.660)
.050(1.27) TYP
.553(14.0)
.547(13.9)
.595(15.1)
.585(14.9)
.300(7.62) REF
.430(10.9)
.390(9.90)
AT CONTACT
POINTS
.022(.559) X 45° MAX (3X)
.453(11.5)
.447(11.4)
.495(12.6)
.485(12.3)
*Controlling dimension: millimeters
32J, 32-Lead, Plastic J-Leaded Chip Carrier
Package (PLCC)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-016 AE
28R, 28-Lead, 0.330" Wide, Plastic Gull Wing Small
Outline Package (SOIC)
Dimensions in Inches and (Millimeters)
28T, 28-Lead, Plastic Thin Small Outline Package
(TSOP)
Dimensions in Millimeters and (Inches)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com