Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAM7W2S Datasheet(PDF) 1 Page - ITT Industries

Part # DAM7W2S
Description  Datasheet for part number DAM7W2S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAM7W2S Datasheet(HTML) 1 Page - ITT Industries

  DAM7W2S Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DAM7W2S
Our Catalog Part Number: DAM-7W2S
Our Global Manufacturing Part Number: 053512-0081
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
Product Datasheet
General
Combo D Series: D-Subminiature offering mixed
layouts
Wire Gauge Range AWG
AWG 8-26
Mating Cycles
50
Contact Arrangement
7W2 (5 contacts size 20, 2 empty size 8 cavities)
Dielectric Withstanding Voltage
500 VAC at sea level
Current Rating Signal Contacts
7.5 max
Contact Resistance
10 milli Ohm max
Operating Temperature
-55°/+125°
Salt Spray Test
20 hours
Shell Material
steel
Shell Finish
Yellow chromate over zinc
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Gender
Socket
Contact Type
Solder pot
Contact Material
copper alloy
Contact Finish
gold flash (Performance Class 3)
Mounting Method
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - DAM7W2S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DAM7W2S1A0NNMBK52 ITT-DAM7W2S1A0NNMBK52 Datasheet
9Mb / 301P
D Subminiature Connectors
DAM7W2S1A7NNMBK52 ITT-DAM7W2S1A7NNMBK52 Datasheet
9Mb / 301P
D Subminiature Connectors
DAM7W2S1A9NNMBK52 ITT-DAM7W2S1A9NNMBK52 Datasheet
9Mb / 301P
D Subminiature Connectors
DAM7W2SA197 ITT-DAM7W2SA197 Datasheet
9Mb / 301P
D Subminiature Connectors
DAM7W2SA197 ITT-DAM7W2SA197 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DAM7W2S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC-37S ITT-DC-37S Datasheet
35Kb / 1P
Datasheet for part number DC37S
DAM3W3S ITT-DAM3W3S Datasheet
35Kb / 1P
Datasheet for part number DAM3W3S
DBMM13W3SN ITT-DBMM13W3SN Datasheet
35Kb / 1P
Datasheet for part number DBMM13W3SN
DD50PA191 ITT-DD50PA191 Datasheet
35Kb / 1P
Datasheet for part number DD50PA191
DD-50P-A191-K87 ITT-DD-50P-A191-K87 Datasheet
34Kb / 1P
Datasheet for part number DD50PA191K87
DDMAM-50P ITT-DDMAM-50P Datasheet
35Kb / 1P
Datasheet for part number DDMAM50P
DE-9S-A191 ITT-DE-9S-A191 Datasheet
35Kb / 1P
Datasheet for part number DE9SA191
DEA9SA197FO ITT-DEA9SA197FO Datasheet
35Kb / 1P
Datasheet for part number DEA9SA197F0
DEMA-15P-F0 ITT-DEMA-15P-F0 Datasheet
35Kb / 1P
Datasheet for part number DEMA15PF0
DEMA-9S-F0 ITT-DEMA-9S-F0 Datasheet
35Kb / 1P
Datasheet for part number DEMA9SF0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com