Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB080 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB080
Description  8-Megabit 2.7-volt Only Sequential Access Parallel I/O DataFlash
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB080 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB080 Datasheet HTML 1Page - ATMEL Corporation AT45DB080 Datasheet HTML 2Page - ATMEL Corporation AT45DB080 Datasheet HTML 3Page - ATMEL Corporation AT45DB080 Datasheet HTML 4Page - ATMEL Corporation AT45DB080 Datasheet HTML 5Page - ATMEL Corporation AT45DB080 Datasheet HTML 6Page - ATMEL Corporation AT45DB080 Datasheet HTML 7Page - ATMEL Corporation AT45DB080 Datasheet HTML 8Page - ATMEL Corporation AT45DB080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
Single 2.7V - 3.6V Supply
Sequential Access, Parallel I/O Architecture
Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 4096 Pages (264 Bytes/Page) Main Memory
Two 264-Byte Data Buffers – Allows Receiving of Data while
Reprogramming of Non-Volatile Memory
Internal Program and Control Timer
Fast Page Program Time – 7 ms Typical
120
µµµµs Typical Page to Buffer Transfer Time
Low Power Dissipation
– 4 mA Active Read Current Typical
–2
µµµµA CMOS Standby Current Typical
2 MHz Max Clock Frequency
Hardware Data Protection Feature
Synchronous Clocking (Two Modes)
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT45DB080 is a 2.7-volt only, sequential access, parallel interface Flash memory
suitable for in-system reprogramming. Its 8,650,752 bits of memory are organized as
4096 pages of 264-bytes each. In addition to the main memory, the AT45DB080 also
contains two data buffers of 264-bytes each. The buffers allow receiving of data while
a page in the main memory is being reprogrammed. Unlike conventional Flash memo-
ries that are accessed randomly with multiple address lines and a parallel interface,
8-Megabit
2.7-volt Only
Sequential
Access
Parallel I/O
DataFlash
®
AT45DB080
Preliminary
Rev. 1075B–06/98
(continued)
Pin Configurations
Pin Name
Function
CS
Chip Select
CLK
Clock
I/O7-I/O0
Input/Output
WP
Hardware Page
Write Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
NC
NC
CS
CLK
DC
DC
NC
NC
I/O0
I/O1
I/O2
I/O3
GND
VCC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
I/O7
I/O6
I/O5
I/O4
VCC
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
RDY/BUSY
RESET
WP
NC
NC
NC
VCC
GND
NC
NC
NC
NC
CS
CLK
DC
DC
NC
NC
NC
I/O7
I/O6
I/O5
I/O4
VCC
GND
I/O3
I/O2
I/O1
I/O0
NC
NC
NC
Note:
SOIC pins 6 and 7 and TSOP pins 15 and 16 are DON’T CONNECT.


Similar Part No. - AT45DB080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
AT45DB081-RC ATMEL-AT45DB081-RC Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
AT45DB081-RI ATMEL-AT45DB081-RI Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
AT45DB081-TC ATMEL-AT45DB081-TC Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
AT45DB081-TI ATMEL-AT45DB081-TI Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
More results

Similar Description - AT45DB080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
8-megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
2-megabit 2.7-volt Only DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com