Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB841 Datasheet(PDF) 10 Page - ITT Industries

Part # ASTMB841
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB841 Datasheet(HTML) 10 Page - ITT Industries

Back Button ASTMB841 Datasheet HTML 6Page - ITT Industries ASTMB841 Datasheet HTML 7Page - ITT Industries ASTMB841 Datasheet HTML 8Page - ITT Industries ASTMB841 Datasheet HTML 9Page - ITT Industries ASTMB841 Datasheet HTML 10Page - ITT Industries ASTMB841 Datasheet HTML 11Page - ITT Industries ASTMB841 Datasheet HTML 12Page - ITT Industries ASTMB841 Datasheet HTML 13Page - ITT Industries ASTMB841 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
10
3.4.2 Insert design and construction. Inserts shall be designed with suitable sections and radii such that they will
not readily chip, crack, or break in assembly or in normal service. Inserts shall be molded or bonded with a bond
barrier between all adjacent contacts and outside edge and of one-piece construction, except for IDC. Pin entry
openings on socket insert faces shall be as small as practicable. Socket inserts shall provide adequate protection
against a pin contacting a socket before the mating pair of connectors has been polarized. The inserts shall be so
designed that the inserts cannot be removed from the shells. The contact retaining system shall be free of foreign
material, adhesive, or any obstruction that would prevent smooth contact insertion and positive retention. The contact
retention system for removable crimp contact connectors shall be a metal retention clip or other contact retention
method, which will enable the contacts to meet the contact retention requirements specified in 3.5.5. All contact
retention systems shall utilize a common contact insertion/removal tool, (see 3.3.1).
3.4.2.1 Insert arrangement. The insert arrangement shall be as specified by the connector PIN (see 3.1).
3.4.2.2 Contact alignment and stability. With all contacts in place, the alignment of pin and socket contacts shall
always permit engagement irrespective of buildup of allowable tolerances on hole locations, distortion of contacts due
to crimping, and insert location in the shell.
3.4.3 Shell design. The shell shall be designed to positively retain the insert and shall be constructed so that the
insert cannot be removed.
3.4.3.1 Shell polarization. Polarization shall be accomplished by a keystone shape shell design with polarization
accomplished before engagement of the pins and sockets.
3.4.3.2 Mounting. Connectors shall be provided with means to fasten the shell securely to a mounting surface.
Classes H and K connectors shall be provided with solder mounting provisions, or with provisions for external
mounting hardware (see 3.1).
3.4.4 Interchangeability. All connectors and accessories having the same military PIN shall be completely
interchangeable with each other with respect to installation (physical) and performance (function) as specified herein.
Solder and crimp contact connectors shall be intermatable (see 3.1).
3.4.5 Mated spacing. Connectors shall meet applicable performance requirements when mated within the spacing
shown on figure 2.
SO C KET
P L UG
R EC EPT AC L E
SH EL L SI Z ES
1 & 2 . 265 ± . 015
SH EL L SI Z ES
3, 4, 5, 6 . 256 ± . 015
PI N
FIGURE 2. Mated spacing.
3.5 Performance. Connectors shall be designed to meet the requirements specified herein.
3.5.1 Magnetic permeability (classes M and N). The relative permeability of classes M and N connectors shall not
exceed 2 µ when measured as specified in 4.5.3.
3.5.2 Maintenance aging (crimp type). All crimp-contact connectors shall be capable of conforming to the
requirements of 3.5.3 and 3.5.4 after maintenance aging of 4.5.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com