Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB161 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB161
Description  16-Megabit 2.7-volt Only Serial DataFlash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB161 Datasheet HTML 1Page - ATMEL Corporation AT45DB161 Datasheet HTML 2Page - ATMEL Corporation AT45DB161 Datasheet HTML 3Page - ATMEL Corporation AT45DB161 Datasheet HTML 4Page - ATMEL Corporation AT45DB161 Datasheet HTML 5Page - ATMEL Corporation AT45DB161 Datasheet HTML 6Page - ATMEL Corporation AT45DB161 Datasheet HTML 7Page - ATMEL Corporation AT45DB161 Datasheet HTML 8Page - ATMEL Corporation AT45DB161 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AT45DB161
2
ries that are accessed randomly with multiple address lines
and a parallel interface, the DataFlash uses a serial inter-
face to sequentially access its data. The simple serial inter-
face facilitates hardware layout, increases syste m
reliability, minimizes switching noise, and reduces package
size and active pin count. The device is optimized for use in
many commercial and industrial applications where high
density, low pin count, low voltage, and low power are
essential. Typical applications for the DataFlash are digital
voice storage, image storage, and data storage. The
device operates at clock frequencies up to 13 MHz with a
typical active read current consumption of 4 mA.
To allow for simple in-system reprogrammability, the
AT45DB161 does not require high input voltages for pro-
gramming. The device operates from a single power sup-
ply, 2 . 7 V t o 3 . 6 V , for bot h th e p r ogr a m a nd r ead
operations. The AT45DB161 is enabled through the chip
select pin (CS) and accessed via a three-wire interface
consisting of the Serial Input (SI), Serial Output (SO), and
the Serial Clock (SCK).
All programming cycles are self-timed, and no separate
erase cycle is required before programming.
Block Diagram
Memory Array
To provide optimal flexibility, the memory array of the
AT45DB161 is divided into three levels of granularity com-
prising of sectors, blocks, and pages. The Memory Archi-
tecture Diagram illustrates the breakdown of each level and
details the number of pages per sector and block. All pro-
gram operations to the DataFlash occur on a page by page
basis; however, the optional erase operations can be per-
formed at the block or page level.
FLASH MEMORY ARRAY
PAGE (528 BYTES)
BUFFER 2 (528 BYTES)
BUFFER 1 (528 BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com