Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX54 Datasheet(PDF) 13 Page - EPCOS

Part # BCX54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCX54 Datasheet(HTML) 13 Page - EPCOS

Back Button BCX54 Datasheet HTML 9Page - EPCOS BCX54 Datasheet HTML 10Page - EPCOS BCX54 Datasheet HTML 11Page - EPCOS BCX54 Datasheet HTML 12Page - EPCOS BCX54 Datasheet HTML 13Page - EPCOS BCX54 Datasheet HTML 14Page - EPCOS BCX54 Datasheet HTML 15Page - EPCOS BCX54 Datasheet HTML 16Page - EPCOS BCX54 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
21
04/00
When using off-the-shelf filters, observe the following rules:
s
Ensure a proper electrically conductive connection between the filter case and/or filter ground
and the metallic case of the interference source or disturbed equipment, and
s
provide sufficient RF decoupling between the lines at the filter input (line causing the interfer-
ence) and the filter output (filtered line), if necessary by using shielding partitions.
5
Approvals
All products by EPCOS AG are basically designed to conform to the German VDE regulations
and/or EN standards. The respective regulations or standards are given for each component type.
Many of our components have also been approval-tested in accordance with national and interna-
tional regulations. The approval marks and quality assurance marks are listed in the data sheets.
Examples of approval marks:
Example of a quality assurance mark:
In future, chokes will be tested in accordance with the new European standard EN 138 100. A uni-
form European mark of conformity has not yet been defined. For the time being the national marks
of conformity are used (e.g. VDE) and the corresponding European standards is stated beside the
mark.
6
Safety regulations
When selecting EMC components – in particular in case of power line applications – the safety reg-
ulations applicable to the relevant equipment must be observed.
VDE
Germany
UL
USA
CECC quality assurance mark
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com