Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC54PA Datasheet(PDF) 3 Page - EPCOS

Part # BC54PA
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BC54PA Datasheet(HTML) 3 Page - EPCOS

  BC54PA Datasheet HTML 1Page - EPCOS BC54PA Datasheet HTML 2Page - EPCOS BC54PA Datasheet HTML 3Page - EPCOS BC54PA Datasheet HTML 4Page - EPCOS BC54PA Datasheet HTML 5Page - EPCOS BC54PA Datasheet HTML 6Page - EPCOS BC54PA Datasheet HTML 7Page - EPCOS BC54PA Datasheet HTML 8Page - EPCOS BC54PA Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
11
04/00
s
Unsymmetrical interference:
– This term is used to describe interference on a single line, relative to the reference potential
(fig. 1c)
1.4.2
Characteristics of interferences
In order to be able to choose the correct EMC measures, we need to know the characteristics of the
interferences, how they are propagated and the mechanisms by which they are coupled into the cir-
cuit. In principle, the interferences can also be classified according to their range (fig. 2). At low fre-
quencies, it can be assumed that the interference only spreads along conductive structures, at high
frequencies only by means of electromagnetic radiation. In the MHz frequency range, the term cou-
pling is generally used to describe the mechanism.
Analogously, conducted interference on lines at frequencies of up to several hundred kHz are main-
ly symmetrical (
differential mode), at higher frequencies, they are asymmetrical (common mode).
This is because the coupling factor and the effects of parasitic capacitance and inductance between
the conductors increase with frequency.
X capacitors and single chokes are suitable as suppression measures for the differential mode com-
ponents. Where asymmetrical, i.e. common-mode interference has to be eliminated, current-com-
pensated chokes and Y capacitors are mainly used, the prerequisite for this being, however, a well-
designed, EMC-compliant grounding and wiring system.
The categorization of types of interference and suppression measures and their relation to the fre-
quency ranges is reflected in the frequency limits for interference voltage and interference field
strength measurements.
Fig. 2
Frequency range overview
Pc ch. = Iron powder core chokes, but also all single chokes/ X cap = X capacitors
Cc ch. = Current-compensated chokes / Y cap = Y capacitors
Y cap
Cc ch.
Interference voltage
10
Max. ratings
10 2
_
10 1
_
characteristic
Interference
propagation
Interference
Remedies
Pc ch.
Line
Differential mode
X cap
Field strength
0
10 1
10 2
SSB1558-D
MHz 10 3
Shielding
Field
Field
Coupling
Ground
Common mode
f
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com