Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB321B
Description  32-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB321B Datasheet HTML 1Page - ATMEL Corporation AT45DB321B Datasheet HTML 2Page - ATMEL Corporation AT45DB321B Datasheet HTML 3Page - ATMEL Corporation AT45DB321B Datasheet HTML 4Page - ATMEL Corporation AT45DB321B Datasheet HTML 5Page - ATMEL Corporation AT45DB321B Datasheet HTML 6Page - ATMEL Corporation AT45DB321B Datasheet HTML 7Page - ATMEL Corporation AT45DB321B Datasheet HTML 8Page - ATMEL Corporation AT45DB321B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
AT45DB321B
2223D–DFLASH–10/02
stream. EEPROM emulation (bit or byte alterability) is easily handled with a self-con-
tained three step Read-Modify-Write operation. Unlike conventional Flash memories
that are accessed randomly with multiple address lines and a parallel interface, the
DataFlash uses a SPI serial interface to sequentially access its data. DataFlash sup-
ports SPI mode 0 and mode 3. The simple serial interface facilitates hardware layout,
increases system reliability, minimizes switching noise, and reduces package size and
active pin count. The device is optimized for use in many commercial and industrial
applications where high density, low pin count, low voltage, and low power are essential.
The device operates at clock frequencies up to 20 MHz with a typical active read current
consumption of 4 mA.
To allow for simple in-system reprogrammability, the AT45DB321B does not require
high input voltages for programming. The device operates from a single power supply,
2.7V to 3.6V, for both the program and read operations. The AT45DB321B is enabled
through the chip select pin (CS) and accessed via a three-wire interface consisting of
the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming cycles are self-timed, and no separate erase cycle is required before
programming.
When the device is shipped from Atmel, the most significant page of the memory array
may not be erased. In other words, the contents of the last page may not be filled with
FFH.
Block Diagram
Memory Array
To provide optimal flexibility, the memory array of the AT45DB321B is divided into three
levels of granularity comprising of sectors, blocks, and pages. The Memory Architecture
Diagram illustrates the breakdown of each level and details the number of pages per
sector and block. All program operations to the DataFlash occur on a page-by-page
basis; however, the optional erase operations can be performed at the block or page
level.
FLASH MEMORY ARRAY
PAGE (528 BYTES)
BUFFER 2 (528 BYTES)
BUFFER 1 (528 BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com