Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM7JL Datasheet(PDF) 6 Page - Tyco Electronics

Part # FSM7JL
Description  Tactile Switches, .138 [3.5] x .236 [6], Through Hole
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FSM7JL Datasheet(HTML) 6 Page - Tyco Electronics

  FSM7JL Datasheet HTML 1Page - Tyco Electronics FSM7JL Datasheet HTML 2Page - Tyco Electronics FSM7JL Datasheet HTML 3Page - Tyco Electronics FSM7JL Datasheet HTML 4Page - Tyco Electronics FSM7JL Datasheet HTML 5Page - Tyco Electronics FSM7JL Datasheet HTML 6Page - Tyco Electronics FSM7JL Datasheet HTML 7Page - Tyco Electronics FSM7JL Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
E8
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
FSMCD & FSMRACD Series
Tactile Switches, .236 [6] x .236 [6], Square Button, Straight or Right Angle
.236
(5.99)
.280
(7.11)
.236
(5.99)
.012
(0.30)
.276
(7.01)
.157
(3.99)
.157
± .001
(3.99
± 0.02)
.016
(0.40)
MAX.
.138
(3.50)
.075
(1.90)
.031
(0.78)
.028
(0.71)
.138
(3.50)
.016
(0.40)
.016
(0.40)
.051
(1.29)
2X
.012
(0.30)
.250
(6.35)
.157
(3.00)
.039
(0.99)
039
(0.99)
2X
.098
± .002
(2.49
± 0.05)
.276
± .004
7.01
± 0.10)
.276
± .004
7.01
± 0.10)
.177
± .004
(4.49
± 0.10)
.177
± .004
(4.49
± 0.10)
.331
± .004
(8.40
± 0.10)
“A”
.236
(5.99)
.280
(7.11)
.236
(5.99)
.012
(0.30)
.276
(7.01)
.157
(3.99)
.157
± .001
(3.99
± 0.02)
.016
(0.40)
MAX.
.138
(3.50)
.075
(1.90)
.031
(0.78)
.028
(0.71)
.138
(3.50)
.016
(0.40)
.016
(0.40)
.051
(1.29)
2X
.012
(0.30)
.250
(6.35)
.157
(3.00)
.039
(0.99)
039
(0.99)
2X
.098
± .002
(2.49
± 0.05)
.276
± .004
7.01
± 0.10)
.276
± .004
7.01
± 0.10)
.177
± .004
(4.49
± 0.10)
.177
± .004
(4.49
± 0.10)
.331
± .004
(8.40
± 0.10)
“A”
.236
(5.99)
.280
(7.11)
.236
(5.99)
.012
(0.30)
.276
(7.01)
.157
(3.99)
.157
± .001
(3.99
± 0.02)
.016
(0.40)
MAX.
.138
(3.50)
.075
(1.90)
.031
(0.78)
.028
(0.71)
.138
(3.50)
.016
(0.40)
.016
(0.40)
.051
(1.29)
2X
.012
(0.30)
.250
(6.35)
.157
(3.00)
.039
(0.99)
039
(0.99)
2X
.098
± .002
(2.49
± 0.05)
.276
± .004
7.01
± 0.10)
.276
± .004
7.01
± 0.10)
.177
± .004
(4.49
± 0.10)
.177
± .004
(4.49
± 0.10)
.331
± .004
(8.40
± 0.10)
“A”
.236
(5.99)
.280
(7.11)
.236
(5.99)
.012
(0.30)
.276
(7.01)
.157
(3.99)
.157
± .001
(3.99
± 0.02)
.016
(0.40)
MAX.
.138
(3.50)
.075
(1.90)
.031
(0.78)
.028
(0.71)
.138
(3.50)
.016
(0.40)
.016
(0.40)
.051
(1.29)
2X
.012
(0.30)
.250
(6.35)
.157
(3.00)
.039
(0.99)
039
(0.99)
2X
.098
± .002
(2.49
± 0.05)
.276
± .004
7.01
± 0.10)
.276
± .004
7.01
± 0.10)
.177
± .004
(4.49
± 0.10)
.177
± .004
(4.49
± 0.10)
.331
± .004
(8.40
± 0.10)
“A”
Tyco
Alcoswitch
Dim. A
Electronics
Force
9-1437565-9
FSMRACD
.095 (2,42)
100±50g
1437566-1
FSMRACDA
.110 (2,80)
160±50g
FSMCDA
FSMRACDA
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper alloy, silver clad plate
Case..........................................Nylon
Actuator Button ......................Polyacetal Resin
Cover........................................Pet film
Terminals ................................Copper alloy, silver plate
Frame (R/A) ............................Steel, tin plate
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............ -4°F to +185°F (-20°C to +85°C)
Storage Temperature................-22°F to +185°F (-30°C to +85°C)
Solder Heat Resistance ............See Page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50 mA @ 12 VDC
Initial Contact Resistance ........100 Milliohms Max.
Insulation Resistance ..............100 Megohms min. @ 100 VDC
Dielectric Strength ..................500 VAC for 1 minute
Actuation Force ......................100 and 160 ±50 Grams
Actuator Travel........................ .010"(,254)
Life Expectancy ......................Up to 100,000 Cycles
.236
(5.99 )
TYP.
.134
(3.40)
.043
(1.09)
.142
(3.60)
.138
(3.50)
.071
(1.80)
.311
(7.89 )
.027
(0.68)
.012
(0.30)
.177
(4.49)
.256
(6.50)
.039
(0.99)
TYP.
.028
(0.71 )
.177
(4.49)
.071
(1.80)
.010
(0.25)
STROKE
.154
(3.91)
.295
(7.5)
DIM. A
SQUARE
BUTTON
.236
(5.99 )
TYP.
.134
(3.40)
.043
(1.09)
.142
(3.60)
.138
(3.50)
.071
(1.80)
.311
(7.89 )
.027
(0.68)
.012
(0.30)
.177
(4.49)
.256
(6.50)
.039
(0.99)
TYP.
.028
(0.71 )
.177
(4.49)
.071
(1.80)
.010
(0.25)
STROKE
.154
(3.91)
.295
(7.5)
DIM. A
SQUARE
BUTTON
.236
(5.99 )
TYP.
.134
(3.40)
.043
(1.09)
.142
(3.60)
.138
(3.50)
.071
(1.80)
.311
(7.89 )
.027
(0.68)
.012
(0.30)
.177
(4.49)
.256
(6.50)
.039
(0.99)
TYP.
.028
(0.71 )
.177
(4.49)
.071
(1.80)
.010
(0.25)
STROKE
.154
(3.91)
.295
(7.5)
DIM. A
SQUARE
BUTTON
.236
(5.99 )
TYP.
.134
(3.40)
.043
(1.09)
.142
(3.60)
.138
(3.50)
.071
(1.80)
.311
(7.89 )
.027
(0.68)
.012
(0.30)
.177
(4.49)
.256
(6.50)
.039
(0.99)
TYP.
.028
(0.71 )
.177
(4.49)
.071
(1.80)
.010
(0.25)
STROKE
.154
(3.91)
.295
(7.5)
DIM. A
SQUARE
BUTTON
6 x 6 mm
6 x 6 mm
.098±.004
(2.5±0.10)
Type
Force
SPST
Off
(On)
100±50g
SPST
Off
(On)
160±50g
(On) indicates momentary position.
Tyco
Alcoswitch
Dim. A
Electronics
7-1437565-8
FSMCD
.095 (2,42)
7-1437565-9
FSMCDA
.110 (2,80)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com