Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM9J Datasheet(PDF) 1 Page - Tyco Electronics

Part # FSM9J
Description  Tactile Switches, .138 [3.5] x .236 [6], Through Hole
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FSM9J Datasheet(HTML) 1 Page - Tyco Electronics

  FSM9J Datasheet HTML 1Page - Tyco Electronics FSM9J Datasheet HTML 2Page - Tyco Electronics FSM9J Datasheet HTML 3Page - Tyco Electronics FSM9J Datasheet HTML 4Page - Tyco Electronics FSM9J Datasheet HTML 5Page - Tyco Electronics FSM9J Datasheet HTML 6Page - Tyco Electronics FSM9J Datasheet HTML 7Page - Tyco Electronics FSM9J Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FSM Series
E3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
MATERIAL SPECIFICATIONS:
Contacts ..................................Stainless/Silver clad plate
Case Material ..........................Nylon
Actuator Material ....................PBT
Terminals/Fixed Contacts........Copper alloy, Silver/Nickel
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-40°F to +185°F (-40°C to + 85°C)
Storage Temperature................-40°F to +185°F (-40°C to + 85°C)
Solder Heat Resistance ............See Page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50 mA @ 12 VDC
Initial Contact Resistance ........100 Milliohms max.
Insulation Resistance ..............100 Megohms min. @ 500 VDC
Dielectric Strength ..................500 VAC for 1 minute
Actuation Force ......................130±50 Grams
Actuator Travel.........................010"(.254)
Life Expectancy ......................Up to 20,000 Cycles
FSM
.236
(6.0)
.256
(6.50)
.138
(3.50)
.118
(2.99)
.060
(1.52)
.138
(3.50)
.138
(3.50)
.311
(7.89)
.012
(0.30)
.197
(5.0)
.039
(0.99)
.059
(1.49)
.256
(6.50)
.049
(1.24)
.138
(3.50)
.118
(2.99)
.0315
(0.800)
.138
(3.50)
.138
(3.50)
.311
(7.89)
.012
(0.30)
.256
(6.50)
.059
(1.49)
.039
(0.99)
.236
(5.99)
.256
(6.50)
.049
(1.24)
.169
(4.3)
FSMC
Tyco
Alcoswitch
Type
Electronics
1437565-1
FSM
SPST
Off
(On)
(On) indicates momentary position.
Tyco
Alcoswitch
Type
Electronics
7-1437565-6
FSMC
SPST
Off
(On)
(On) indicates momentary position.
3.5 x 6mm
3.5 x 6mm


Similar Part No. - FSM9J

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FSM9J MACOM-FSM9J Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM9JA MACOM-FSM9JA Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM9JAA MACOM-FSM9JAA Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM9JL MACOM-FSM9JL Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results

Similar Description - FSM9J

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
Tyco Electronics
2-1437565-1 MACOM-2-1437565-1 Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-6 MACOM-2-1437565-6 Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-7 MACOM-2-1437565-7 Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-9 MACOM-2-1437565-9 Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
4-1437565-2 MACOM-4-1437565-2 Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSMRA2JH MACOM-FSMRA2JH Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM2JSMA MACOM-FSM2JSMA Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM MACOM-FSM Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com