Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA143TM Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DTA143TM
Description  PNP Small Signal Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTA143TM Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DTA143TM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTA143TM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTA143TM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOT-723
RM
93
SOT-523
RN
93
SOT-323
RV
93
SOT-23
RU
93
TO-92S
A3
SOT-723
RM
93
SOT-523
RN
93
SOT-323
RV
93
SOT-23
RU
93
TO-92S
A3
Min
Max
Min
Max
A
3.85
4.15
0.15
0.16
B
3.01
3.31
0.12
0.13
C
15.10
15.50
0.59
0.61
D
0.38
0.55
0.01
0.02
E
1.42
1.62
0.06
0.06
D
0.66
0.86
0.03
0.03
E
0.36
0.51
0.01
0.02
DTA143 TSA
3K / Box(Ammo)
DTA143 TCA
3K / 7" Reel
A3G
RUG
A3G
RMG
RNG
DTA143 TUA
3K / 7" Reel
DTA143 TE
3K /7" Reel
RMG
RNG
RVG
3K / 7" Reel
DTA143 TM
DTA143 TCA
8K / 7" Reel
3K / 7" Reel
3K /7" Reel
DTA143 TUA
DTA143 TE
Small Signal Product
Ordering information
Part No.
Package
Packing
DTA143 TM
8K / 7" Reel
Packing code
Packing code
(Green)
Marking
TO-92S
Note : Manufacture special control, if empty means no special control requirement.
Dimensions
DTA143 TSA
3K / Box(Ammo)
Manufacture code
(Note)
M0
M0
M0
M0
M0
Version : B13
Unit(mm)
Unit(inch)
DIM.
RVG
RUG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com