Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321B-RC Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT45DB321B-RC
Description  32-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321B-RC Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT45DB321B-RC Datasheet HTML 8Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 9Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 10Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 11Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 12Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 13Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 14Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 15Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
AT45DB321B
2223D–DFLASH–10/02
Note:
1. After power is applied and VCC is at the minimum specified datasheet value, the system should wait 20 ms before an opera-
tional mode is started.
Note:
1. Icc1 during a buffer read is 20mA maximum.
Absolute Maximum Ratings*
Temperature under Bias ................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
DC and AC Operating Range
AT45DB321B
Operating Temperature (Case)
Com.
0
°C to 70°C
Ind.
-40
°C to 85°C
VCC Power Supply
(1)
2.7V to 3.6V
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
SB
Standby Current
CS, RESET, WP = V
CC, all inputs
at CMOS levels
210
µA
ICC1
(1)
Active Current, Read
Operation
f = 20 MHz; IOUT = 0 mA;
V
CC = 3.6V
410
mA
I
CC2
Active Current,
Program/Erase Operation
V
CC = 3.6V
15
35
mA
I
LI
Input Load Current
V
IN = CMOS levels
1
µA
I
LO
Output Leakage Current
V
I/O = CMOS levels
1
µA
VIL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 1.6 mA; VCC = 2.7V
0.4
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com