Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT48802 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT48802
Description  Spread- Spectrum Signal Processor Integrated Circuit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT48802 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT48802 Datasheet HTML 15Page - ATMEL Corporation AT48802 Datasheet HTML 16Page - ATMEL Corporation AT48802 Datasheet HTML 17Page - ATMEL Corporation AT48802 Datasheet HTML 18Page - ATMEL Corporation AT48802 Datasheet HTML 19Page - ATMEL Corporation AT48802 Datasheet HTML 20Page - ATMEL Corporation AT48802 Datasheet HTML 21Page - ATMEL Corporation AT48802 Datasheet HTML 22Page - ATMEL Corporation AT48802 Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Parameter
Min
Max
Units
tALE, ALE High Pulse Width
50
ns
tAV, Address Valid to ALE Low
10
ns
tAH, Address Hold After ALE Low
10
ns
tAWL, ALE Low to WR Low
20
ns
tW, WR Pulse Width
2 TCLK
sec
tR, RD Pulse Width
2 TCLK
sec
tDVW, Data Valid to WR Transition
0
ns
tDVR, Data Valid to RD Transition
10
ns
tH, Data Hold After WR
10
ns
tWAH, WR High to ALE High
10
ns
tRAH, RD High to ALE High
10
ns
tRVD, RD to Valid Data
0
TCLK
sec
tDH, Data Hold After RD
0
TCLK
sec
tARL, ALE Low to RD Low
20
ns
AC Electrical Characteristics
0°C
≤ TA ≤ +70°C, 4.0V ≤ VCC ≤ 6.0
TCLK = 1/fMCLK
AT48802
2-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com