Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663CMS8 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC1663CMS8
Description  10-Bit Rail-to-Rail Micropower DAC with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1663CMS8 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC1663CMS8 Datasheet HTML 1Page - Linear Integrated Systems LTC1663CMS8 Datasheet HTML 2Page - Linear Integrated Systems LTC1663CMS8 Datasheet HTML 3Page - Linear Integrated Systems LTC1663CMS8 Datasheet HTML 4Page - Linear Integrated Systems LTC1663CMS8 Datasheet HTML 5Page - Linear Integrated Systems LTC1663CMS8 Datasheet HTML 6Page - Linear Integrated Systems LTC1663CMS8 Datasheet HTML 7Page - Linear Integrated Systems LTC1663CMS8 Datasheet HTML 8Page - Linear Integrated Systems LTC1663CMS8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1663
2
1663fd
ABSOLUTE MAXIMUM RATINGS
VCC to GND .............................................. – 0.3V to 7.5V
SDA, SCL ................................................. –0.3V to 7.5V
AD0, AD1, AD2 (MSOP Only)........ –0.3V to (VCC + 0.3V)
VOUT .............................................–0.3V to (VCC + 0.3V)
Storage Temperature Range.................. –65°C to 150°C
(Note 1)
1
2
3
4
SDA
AD1
AD2
SCL
8
7
6
5
VOUT
GND
AD0
VCC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 150°C/W
ORDER PART
NUMBER
SDA 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
VOUT 3
5 SCL
4 VCC
TJMAX = 125°C, θJA = 250°C/W
ORDER PART
NUMBER
LTC1663CMS8
LTC1663IMS8
LTC1663-8CMS8
LTC1663-8IMS8
LTC1663CS5
LTC1663-1CS5
LTC1663-2CS5
LTC1663ES5
MS8 PART MARKING
S5 PART MARKING*
LTEQ
LTJJ
LTA6
LTA7
LTEP
LTSA
LTSB
LTEP
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
PACKAGE/ORDER INFORMATION
Operating Temperature Range
LTC1663C ............................................... 0°C to 70°C
LTC1663I............................................. –40°C to 85°C
LTC1663E (Note 8).............................. –40°C to 85°C
Lead Temperature (Soldering, 10 sec) ................. 300°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
Resolution
l
10
Bits
Monotonicity
(Note 2)
l
10
Bits
DNL
Differential Nonlinearity
Guaranteed Monotonic (Note 2)
l
± 0.2
±0.75
LSB
INL
Integral Nonlinearity
(Note 2)
LTC1663E (Note 2)
l
l
±0.5
±0.5
± 2.5
±3
LSB
LSB
VOS
Offset Error
Measured at Code 20
Measured at Code 20 (LTC1663E)
l
l
±10
±10
±30
±35
mV
mV
VOSTC
Offset Error Temperature Coefficient
±15
μV/°C
FSE
Full-Scale Error
Reference Set to VCC
Reference Set to Internal Bandgap
Reference Set to VCC (LTC1663E)
Reference Set to Internal Bandgap (LTC1663E)
l
l
l
l
±3
±3
±15
±15
±20
±20
LSB
LSB
LSB
LSB
VOUT
DAC Output Span
Reference Set to VCC
Reference Set to Internal Bandgap
0 to VCC
0 to 2.5
V
V
VFSTC
Full-Scale Voltage Temperature
Coefficient
Reference Set to VCC
Reference Set to Internal Bandgap
±30
±50
μV/°C
μV/°C
PSRR
Power Supply Rejection Ratio
Reference Set to Internal Bandgap,
Code = 1023
±0.4
LSB/V
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VCC set as reference, VOUT unloaded, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com