Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663-8CMS8 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LTC1663-8CMS8
Description  10-Bit Rail-to-Rail Micropower DAC with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1663-8CMS8 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LTC1663-8CMS8 Datasheet HTML 1Page - Linear Integrated Systems LTC1663-8CMS8 Datasheet HTML 2Page - Linear Integrated Systems LTC1663-8CMS8 Datasheet HTML 3Page - Linear Integrated Systems LTC1663-8CMS8 Datasheet HTML 4Page - Linear Integrated Systems LTC1663-8CMS8 Datasheet HTML 5Page - Linear Integrated Systems LTC1663-8CMS8 Datasheet HTML 6Page - Linear Integrated Systems LTC1663-8CMS8 Datasheet HTML 7Page - Linear Integrated Systems LTC1663-8CMS8 Datasheet HTML 8Page - Linear Integrated Systems LTC1663-8CMS8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC1663
1
1663fd
BLOCK DIAGRAM
FEATURES
APPLICATIONS
DESCRIPTION
10-Bit Rail-to-Rail
Micropower DAC with
2-Wire Interface
The LTC®1663 is a 10-bit voltage output DAC with true
buffered rail-to-rail output voltage capability. It operates
from a single supply with a range of 2.7V to 5.5V. The
reference for the DAC is selectable between the supply
voltage or an internal bandgap reference. Selecting the
internal bandgap reference will set the full-scale output
voltage range to 2.5V. Selecting the supply as the reference
sets the output voltage range to the supply voltage.
The part features a simple 2-wire serial interface compat-
ible with SMBus that allows communication between many
devices. The internal data registers are double buffered to
allow for simultaneous update of several devices at once.
The DAC can be put in low current power-down mode for
use in power conscious systems.
Power-on reset ensures the DAC output is at 0V when
power is initially applied, and all internal registers are
cleared.
For I2C designs, please refer to the LTC1669.
Differential Nonlinearity (DNL)
n Micropower 10-Bit DAC in SOT-23
n Low Operating Current: 60μA
n Ultralow Power Shutdown Mode: 10μA
n 2-Wire Serial Interface Compatible
with SMBus
n Selectable Internal Reference or Ratiometric to
VCC
n Maximum DNL Error: 0.75LSB
n 8 User Selectable Addresses (MSOP Package)
n Single 2.7V to 5.5V Operation
n Buffered True Rail-to-Rail Voltage Output
n Power-On Reset
n 0.6V VIL and 1.4V VIH for SDA and SCL
n Small 5-Lead SOT-23 and 8-Lead MSOP Packages
n Digital Calibration
n Offset/Gain Adjustment
n Industrial Process Control
n Automatic Test Equipment
n Arbitrary Function Generators
n Battery-Powered Data Conversion Products
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
10-BIT
DAC LATCH
INPUT
LATCH
2-WIRE INTERFACE
SDA
AD0
(6)
MSOP
PACKAGE
ONLY
(2)
(3)
AD1
AD2
SCL
1 (1)
5 (4)
GND
R
R
2 (7)
VOUT 3 (8)
1663 BD
VCC
1.25V
4 (5)
BANDGAP
REFERENCE
REFERENCE
SELECT
+
COMMAND
LATCH
NOTE: PIN NUMBERS IN PARENTHESES REFER TO THE MSOP PACKAGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
156
512
640
1663 TA01
–0.6
0.6
0.8
0.2
28
384
768 896 1024
VREF = VCC = 5V
TA = 25°C


Similar Part No. - LTC1663-8CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1663 LINER-LTC1663 Datasheet
195Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
LTC1663 LINER-LTC1663 Datasheet
166Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
LTC1663C LINER-LTC1663C Datasheet
195Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
LTC1663CMS8 LINER-LTC1663CMS8 Datasheet
195Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
LTC1663CS5 LINER-LTC1663CS5 Datasheet
195Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
More results

Similar Description - LTC1663-8CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657 Datasheet
194Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1663 LINER-LTC1663 Datasheet
195Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with I2C Interface
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657_15 Datasheet
215Kb / 16P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1663 LINER-LTC1663_15 Datasheet
166Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface
LTC1669 LINER-LTC1669_15 Datasheet
169Kb / 16P
10-Bit Rail-to-Rail Micropower DAC with IC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com