Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2989 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP2989
Description  LP2989 Micropower/Low Noise, 500 mA Ultra Low-Dropout RegulatorFor Use with Ceramic Output Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2989 Datasheet HTML 6Page - Texas Instruments LP2989 Datasheet HTML 7Page - Texas Instruments LP2989 Datasheet HTML 8Page - Texas Instruments LP2989 Datasheet HTML 9Page - Texas Instruments LP2989 Datasheet HTML 10Page - Texas Instruments LP2989 Datasheet HTML 11Page - Texas Instruments LP2989 Datasheet HTML 12Page - Texas Instruments LP2989 Datasheet HTML 13Page - Texas Instruments LP2989 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, COUT = 4.7 µF,
CIN = 2.2 µF, S/D is tied to VIN,VIN =VO(NOM) + 1V, IL = 1 mA, VOUT = 2.5V. (Continued)
Load Transient Response
Load Transient Response
10133917
10133918
Short Circuit Current
Short Circuit Current vs Temperature
10133934
10133932
Short Circuit Current
Short Circuit Current vs V
OUT
10133935
10133933
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com