Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985
Description  LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3985 Datasheet(HTML) 1 Page - Texas Instruments

  LP3985 Datasheet HTML 1Page - Texas Instruments LP3985 Datasheet HTML 2Page - Texas Instruments LP3985 Datasheet HTML 3Page - Texas Instruments LP3985 Datasheet HTML 4Page - Texas Instruments LP3985 Datasheet HTML 5Page - Texas Instruments LP3985 Datasheet HTML 6Page - Texas Instruments LP3985 Datasheet HTML 7Page - Texas Instruments LP3985 Datasheet HTML 8Page - Texas Instruments LP3985 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1PF
BYPASS
LP3985
VIN
VOUT
VEN
3(A1)
5(C1)
4(A3)
2(B2)
1PF
1(C3)
*
LP3985
www.ti.com
SNVS087AC – OCTOBER 2000 – REVISED MAY 2013
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
Check for Samples: LP3985
1
FEATURES
DESCRIPTION
The LP3985 is designed for portable and wireless
2
Miniature 5-I/O DSBGA and USON Package
applications with demanding performance and space
Logic Controlled Enable
requirements.
Stable with Ceramic and High Quality
The LP3985 is stable with a small 1µF ±30% ceramic
Tantalum Capacitors
or high-quality tantalum output capacitor. The DSBGA
Fast Turn-on
requires the smallest possible PC board area - the
total application circuit area can be less than 2.0mm x
Thermal Shutdown and Short-Circuit Current
2.5mm, a fraction of a 1206 case size.
Limit
The LP3985's performance is optimized for battery
APPLICATIONS
powered systems to deliver ultra low noise, extremely
low dropout voltage and low quiescent current.
CDMA Cellular Handsets
Regulator ground current increases only slightly in
Wideband CDMA Cellular Handsets
dropout, further prolonging the battery life.
GSM Cellular Handsets
An optional external bypass capacitor reduces the
Portable Information Appliances
output noise without slowing down the load transient
response. Fast startup time is achieved by utilizing an
KEY SPECIFICATIONS
internal power-on circuit that actively pre-charges the
bypass capacitor.
2.5 to 6.0V Input Range
Power supply rejection is better than 50dB at low
150mA Verified Output
frequencies and starts to roll off at 1kHz. High power
50dB PSRR at 1kHz @ VIN = VOUT + 0.2V
supply rejection is maintained down to low input
≤1.5μA Quiescent Current when Shut Down
voltage levels common to battery operated circuits.
Fast Turn-On time: 200
μs (typ.)
The device is ideal for mobile phone and similar
100mV Maximum Dropout with 150mA Load
battery powered wireless applications. It provides up
to 150mA, from a 2.5V to 6V input. The LP3985
30
μVrms Output Noise (typ.) Over 10Hz to
consumes less than 1.5µA in disable mode and has
100kHz
fast turn-on time less than 200µs.
−40 to +125°C Junction Temperature Range for
Operation
2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.1V,
3.2V, 3.3V, 4.7V, 4.75V, 4.8V and 5.0V outputs
standard
Typical Application Circuit
Pin Numbers in parenthesis indicate DSBGA package.
* Optional Noise Reduction Capacitor.
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3985

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985 TI-LP3985 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
Lowpower Semiconductor ...
LP3985 POWER-LP3985 Datasheet
307Kb / 7P
300mA,Ultra-low noise, Small Package
More results

Similar Description - LP3985

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com