Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985IM5-3.2 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3985IM5-3.2
Description  LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3985IM5-3.2 Datasheet(HTML) 2 Page - Texas Instruments

  LP3985IM5-3.2 Datasheet HTML 1Page - Texas Instruments LP3985IM5-3.2 Datasheet HTML 2Page - Texas Instruments LP3985IM5-3.2 Datasheet HTML 3Page - Texas Instruments LP3985IM5-3.2 Datasheet HTML 4Page - Texas Instruments LP3985IM5-3.2 Datasheet HTML 5Page - Texas Instruments LP3985IM5-3.2 Datasheet HTML 6Page - Texas Instruments LP3985IM5-3.2 Datasheet HTML 7Page - Texas Instruments LP3985IM5-3.2 Datasheet HTML 8Page - Texas Instruments LP3985IM5-3.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
R2
GND
Fast Turn
On Circuit
Vreference
1.23V
Over Current &
Thermal Protection
VIN
VEN
Bypass
VOUT
R1
1.40V
ON
t
0.4V
OFF
d
LP3985
SNVS087AC – OCTOBER 2000 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LP3985 is available in a 5-bump thin DSBGA and a 5-pin USON package. Performance is specified for
−40°C to +125°C temperature range and is available in 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V. 3.1V, 3.2V,
3.3V, 4.7V, 4.75V, 4.8V and 5.0V output voltages. For other output voltage options between 2.5V to 5.0V or for a
dual LP3985, please contact a Texas Instruments sales office.
Block Diagram
Figure 2.
PIN DESCRIPTIONS
Name
* DSBGA
USON
Function
VEN
A1
3
Enable Input Logic, Enable High
GND
B2
2
Common Ground
VOUT
C1
5
Output Voltage of the LDO
VIN
C3
1
Input Voltage of the LDO
BYPASS
A3
4
Optional Bypass Capacitor for Noise Reduction
Connection Diagram
Figure 3. Top View USON 5-Pin Package
Figure 4. Top View 5-Bump DSBGA Package
Package Number MF05A
Package Number TLA05
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP3985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com