Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986IM-3.3 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP2986IM-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986IM-3.3 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP2986IM-3.3 Datasheet HTML 16Page - Texas Instruments LP2986IM-3.3 Datasheet HTML 17Page - Texas Instruments LP2986IM-3.3 Datasheet HTML 18Page - Texas Instruments LP2986IM-3.3 Datasheet HTML 19Page - Texas Instruments LP2986IM-3.3 Datasheet HTML 20Page - Texas Instruments LP2986IM-3.3 Datasheet HTML 21Page - Texas Instruments LP2986IM-3.3 Datasheet HTML 22Page - Texas Instruments LP2986IM-3.3 Datasheet HTML 23Page - Texas Instruments LP2986IM-3.3 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2986AILD-3.3
WSON
NGN
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LP2986AILD-3.3/NOPB
WSON
NGN
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LP2986AILDX-3.3/NOPB
WSON
NGN
8
4500
330.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LP2986AIMM-3.0/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986AIMM-3.3/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986AIMM-5.0/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986AIMMX-3.0/NOPB VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986AIMMX-3.3/NOPB VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986AIMMX-5.0/NOPB VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986AIMX-3.0/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2986AIMX-3.3/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2986AIMX-5.0
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2986AIMX-5.0/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LP2986ILD-3.3/NOPB
WSON
NGN
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LP2986ILDX-3.3/NOPB
WSON
NGN
8
4500
330.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LP2986IMM-3.0/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986IMM-3.3
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LP2986IMM-3.3/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com