Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38693 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693
Description   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38693 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38693 Datasheet HTML 6Page - Texas Instruments LP38693 Datasheet HTML 7Page - Texas Instruments LP38693 Datasheet HTML 8Page - Texas Instruments LP38693 Datasheet HTML 9Page - Texas Instruments LP38693 Datasheet HTML 10Page - Texas Instruments LP38693 Datasheet HTML 11Page - Texas Instruments LP38693 Datasheet HTML 12Page - Texas Instruments LP38693 Datasheet HTML 13Page - Texas Instruments LP38693 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
0
100
200
300
400
500
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
IOUT (mA)
-40°C
25°C
125°C
0
100
200
300
400
500
IOUT (mA)
0
100
200
300
400
500
600
700
800
900
-40°C
25°C
125°C
LP38691, LP38693
SNVS321K – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, Enable pin is tied to VIN (LP38693 only), VOUT = 1.8V, VIN = VOUT
+1V, IL = 10mA.
VOUT vs VEN, OFF (LP38693 Only)
Enable Voltage vs Temperature
Figure 27.
Figure 28.
Load Regulation vs Temperature
Line Regulation vs Temperature
Figure 29.
Figure 30.
MIN VIN vs IOUT
Dropout Voltage vs IOUT
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com