Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986IM-5.0 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2986IM-5.0
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986IM-5.0 Datasheet(HTML) 2 Page - Texas Instruments

  LP2986IM-5.0 Datasheet HTML 1Page - Texas Instruments LP2986IM-5.0 Datasheet HTML 2Page - Texas Instruments LP2986IM-5.0 Datasheet HTML 3Page - Texas Instruments LP2986IM-5.0 Datasheet HTML 4Page - Texas Instruments LP2986IM-5.0 Datasheet HTML 5Page - Texas Instruments LP2986IM-5.0 Datasheet HTML 6Page - Texas Instruments LP2986IM-5.0 Datasheet HTML 7Page - Texas Instruments LP2986IM-5.0 Datasheet HTML 8Page - Texas Instruments LP2986IM-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
GROUND
2
3
4
5
6
7
8
1
FEEDBACK
TAP
INPUT
OUTPUT
SENSE
Exposed Pad
on Bottom
(DAP)
SHUTDOWN
ERROR
GROUND
FEEDBACK
TAP
INPUT
SENSE
OUTPUT
1
2
3
4
8
7
6
5
SHUTDOWN
ERROR
GROUND
FEEDBACK
TAP
INPUT
SENSE
OUTPUT
1
2
3
4
8
7
6
5
SHUTDOWN
ERROR
LP2986
SNVS137H – MARCH 1999 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Top View
Figure 1. 8-Lead SOIC Package
See Package Number D0008A
Top View
Figure 2. 8-Lead VSSOP Package
See Package Number DGK0008A
Top View
Figure 3. 8-Lead WSON Package
See Package Number NGN0008A
See WSON MOUNTING section
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com