Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1AL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HS1AL
Description  1.0AMP High Efficient Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS1AL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HS1AL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS1AL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS1AL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS1AL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Version:A12
RATINGS AND CHARACTERISTIC CURVES (HS1AL THRU HS1ML)
0
0.2
0.4
0.6
0.8
1
1.2
80
90
100
110
120
130
140
150
LEAD TEMPERATURE (oC)
FIG.1- MAXIMUM AVERAGE FORWARD CURRENT
DERATING
5
10
15
20
25
30
35
40
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
8.3mS Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
(%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TA=25℃
TA=125℃
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 4- TYPICAL JUNCTION CAPACITANCE
HS1AL-HS1GL
HS1JL-HS1ML
TA=25℃
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
TA=25℃
HS1AL-HS1DL
HS1GL
HS1JL-HS1ML



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com