Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1DL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS1DL
Description  1.0AMP High Efficient Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS1DL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS1DL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS1DL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS1DL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS1DL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
creat by ART
Glass passivated junction chip.
For surface mounted application
Low forward voltage drop
Low profile package
Fast switching for high efficiency
HS1AL
Sub-SMA
3K / 7" REEL
RV
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
HS
1AL
HS
1BL
HS
1DL
HS
1FL
HS
1GL
HS
1JL
HS
1KL
HS
1ML
Units
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
HAL
HBL
HDL
HFL
HGL
HJL
HKL
HML
IF(AV)
A
Trr
nS
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Features
Meet MSL level 1, per J-STD-020D,
lead free maximum peak of 260℃
HS1AL - HS1ML
1.0AMP High Efficient Surface Mount Rectifiers
Sub SMA
Built-in stain relief, ideal for automatic
placement
High temperature soldering:
260℃/10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Cases: Molded plastic
Terminal: Pure tin plated, lead free
Polarity: Indicated by cathode band
Weight: 0.0196 grams
Ordering Information (example)
Part No.
Package
Packing
Packing
code
Green Compound
Packing code
RVG
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
1
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
1.0
1.3
1.7
V
150
Maximum Reverse Recovery Time (Note 2)
50
75
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
30
Version:A12
Typical Junction Capacitance (Note 3)
20
15
Typical Thermal Resistance
100
Operating Junction Temperature Range
- 55 to + 150
Marking Code
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0Volts.
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=125 ℃
IR
5
uA


Similar Part No. - HS1DL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1DLW TSC-HS1DLW Datasheet
202Kb / 4P
1A, 200V - 1000V High Efficient Surface Mount Rectifiers
More results

Similar Description - HS1DL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
US1A TSC-US1A_11 Datasheet
151Kb / 2P
1.0AMP. High Efficient Surface Mount Rectifiers
HS1A TSC-HS1A_11 Datasheet
216Kb / 2P
1.0AMP High Efficient Surface Mount Rectifiers
S1A TSC-S1A_11 Datasheet
196Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
US1A LUGUANG-US1A Datasheet
196Kb / 2P
1.0AMP. Surface Mount High Efficient Rectifiers
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
1.0AMP. High Efficient Rectifiers
logo
Hi-Sincerity Mocroelect...
HSK400X HSMC-HSK400X Datasheet
147Kb / 3P
1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM Datasheet
312Kb / 4P
1.0AMP Surface Mount Rectifiers
US1A TSC-US1A_13 Datasheet
294Kb / 4P
1.0AMP. High Efficient Surface Mount Rectifiers
US1MR2 TSC-US1MR2 Datasheet
212Kb / 2P
1.0AMP. High Efficient Surface Mount Rectifiers
S1AB TSC-S1AB_13 Datasheet
252Kb / 4P
1.0AMP Surface Mount Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com