Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8KC Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # S8KC
Description  Surface Mount Glass Passivated Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S8KC Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  S8KC Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S8KC Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S8KC Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
PART NO.
SS36
SS36
(TA=25℃ unless otherwise noted)
Document Number:1307006
Version:A13
EXAMPLE
RATINGS AND CHATACTERISTICS CURVES
S8MC R7
R7
SMC R7G
R7
G
Green compound
M6
SMC
3000 / 13" Plastic reel
Note 1: "xx" defines voltage from 400V (S8GC) to 1000V (S8MC)
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
PACKING
S8xC
(Note 1)
R7
Suffix "G"
SMC
850 / 7" Plastic reel
R6
SMC
3000 / 13" Paper reel
ORDERING INFORMATION
S8GC thru S8MC
Taiwan Semiconductor
PACKING CODE
GREEN
COMPOUND
PACKAGE
0
2
4
6
8
10
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVEOR
INDUCTIVE LOAD
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 HZ
FIG. 2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.01
0.1
1
10
100
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
TA=125℃
TA=25℃
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
TA=125℃
TA=25℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com