Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF1007GA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFF1007GA
Description  10.0AMPS Isolated Glass Passivated Super Fast Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFF1007GA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFF1007GA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFF1007GA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFF1007GA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
SFF1001GA ITO-220AB 50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
SFF
1001
GA
SFF
1002
GA
SFF
1003
GA
SFF
1004
GA
SFF
1005
GA
SFF
1006
GA
SFF
1007
GA
SFF
1008
GA
Unit
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
nS
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Version:C13
35
1.7
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 5A
VF
0.975
1.3
- 55 to + 150
Typical Junction Capacitance (Note 3)
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
8
70
50
Features
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Repetitive Peak Reverse Voltage
Polarity: As marked
High temperature soldering:
260℃/10 seconds/.16",(4.06mm) from case
Mounting torque: 5 in - lbs. max.
Case: ITO-220AB Molded plastic
Epoxy: UL 94V-0 rate flame retardant
uA
IFSM
SFF1001GA - SFF1008GA
10.0AMPS Isolated Glass Passivated Super Fast Rectifier
ITO-220AB
125
A
IR
10
400
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
For use in low voltage, high frequency inverter,
Free wheeling, and polarity protection application
Mechanical Data
Weight: 1.77 grams
Typical Thermal Resistance
Parameter
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
Maximum Reverse Recovery Time (Note 2)
10
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
Ordering Information (example)
Part No.
Package
Packing
Packing code
Packing code
(Green)
C0G


Similar Part No. - SFF1007GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFF1007GA THINKISEMI-SFF1007GA Datasheet
640Kb / 2P
10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
More results

Similar Description - SFF1007GA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF1001G TSC-SFF1001G_11 Datasheet
186Kb / 2P
10.0AMPS Isolated Glass Passivated Super Fast Rectifier
SF1001G TSC-SF1001G_11 Datasheet
195Kb / 2P
10.0AMPS. Glass Passivated Super Fast Rectifiers
SFA1001G TSC-SFA1001G_11 Datasheet
209Kb / 2P
10.0AMPS Glass Passivated Super Fast Rectifier
SF1001G TSC-SF1001G_13 Datasheet
399Kb / 3P
10.0AMPS. Glass Passivated Super Fast Rectifiers
SFA1001G TSC-SFA1001G_13 Datasheet
419Kb / 3P
10.0AMPS Glass Passivated Super Fast Rectifier
SFAF1001G TSC-SFAF1001G_13 Datasheet
419Kb / 3P
10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G_13 Datasheet
427Kb / 3P
10.0AMPS Isolated Glass Passivated Super Fast Rectifier
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
SFF2004GA TSC-SFF2004GA Datasheet
397Kb / 3P
Isolated Glass Passivated Super Fast Rectifier
SFAF1001G TSC-SFAF1001G_14 Datasheet
423Kb / 3P
10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com