Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBR6S08 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TMBR6S08
Description  Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TMBR6S08 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TMBR6S08 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TMBR6S08 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TMBR6S08 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version : A13
Small Signal Product
RATINGS AND CHARACTERISTIC CURVES
0
1000
2000
3000
4000
5000
6000
0
100
200
300
400
500
600
700
800
Reverse Voltage (V)
Fig. 1 Reverse Voltage Characteristics
0.00
0.25
0.50
0.75
1.00
1.25
0
25
50
75
100
125
150
Ambient Temperature (oC)
Fig. 2 Forward Derating Curve
Glass Epoxy
Resistive or Inductive
1
10
100
1000
10000
100000
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 Typical Reverse Characteristics
TA=25oC
TA=100oC
Aluminum Substrate
0
5
10
15
20
25
30
35
1
10
100
Number of Cycles at 60Hz
Fig. 4
Fig. 4 Peak Forward Surge Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com