Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS40P06G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS40P06G
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS40P06G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS40P06G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS40P06G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS40P06G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
PART NO.
TS40P07G
TS40P07G
(TA=25℃ unless otherwise noted)
Document Number:DS_D1308058
Version:B13
D2
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
GREEN COMPOUND
CODE
DESCRIPTION
TS40P0xG
(Note 1)
C2
Suffix "G"
TS-6P
15 / TUBE
X2
TS-6P
Forming
TS40P07G C2G
C2
G
Green compound
RATINGS AND CHARACTERISTICS CURVES
TS40P05G thru TS40P07G
Taiwan Semiconductor
TS-6P
TS-6P
X0
Forming
15 / TUBE (Auto)
TS40P07G C2
C2
Note 1: "x" defines voltage from 600V (TS40P05G) to 1000V (TS40P07G)
EXAMPLE
PREFERRED P/N
PACKING CODE
0
10
20
30
40
50
0
20
40
60
80
100
120
140
160
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
50
100
150
200
250
300
350
400
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
8.3mS Single Half Sine Wave
JEDEC Method
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TA=25℃
TA=125℃
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
PER LEG
TA=25℃
TA=125℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com