Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0160BA02497S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0160BA02497S
Description  160 MHz SAW Filter 6.6 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0160BA02497S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0160BA02497S Datasheet HTML 1Page - API Technologies Corp SF0160BA02497S Datasheet HTML 2Page - API Technologies Corp SF0160BA02497S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
160 MHz SAW Filter
6.6 MHz Bandwidth
Part Number SF0160BA02497S
IDT
• SAW Products • 324 Clark Street, Worcester, MA 01606, USA • Ph 1-508-852-5400 • Fax 1-508-852-8456
www.idt.com
DSSF0160BA02497S
Rev -
28-Mar-2007
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
159.7
160.0
160.3
MHz
Insertion Loss (@ Fc)
-
12.4
14
dB
1 dB Bandwidth
6.6
7.1
-
MHz
Lower 1dB Frequency
-
156.45
156.8
MHz
Upper 1dB Frequency
163.2
163.56
-
MHz
Lower 30 dB Frequency
152.4
154.5
-
MHz
Upper 30 dB Frequency
-
166.1
167.6
MHz
Lower 45 dB Frequency
152
153.6
-
MHz
Upper 45 dB Frequency
-
166.7
168
MHz
Rejection (10 to 152 MHz)
3
45
50
-
dB
Rejection (168 to 188 MHz)
3
45
48
-
dB
Rejection (188 to 250 MHz)
3
43
45
-
dB
Passband Amplitude Ripple
2
0.3
0.5
dB p-p
Passband Group Delay Ripple
2
-
40
60
ns p-p
Source and Load Impedance
50
ohms
Temperature Coefficient of Frequency
-87
ppm/˚C
Ambient Temperature
-
25
-
˚C
Notes:
1. Fixed reference frequency. All bandwidths are centered at this frequency.
2. Defined over Fc+/-2.6 MHz.
3. Dependent upon PC board layout.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Notes
•
Matching components are not required.
12
6
11
5
Input
50
Ω
Single ended
Output
50
Ω
Single ended



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com