Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0147BA02468S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0147BA02468S
Description  147 MHz SAW Filter 8 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0147BA02468S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0147BA02468S Datasheet HTML 1Page - API Technologies Corp SF0147BA02468S Datasheet HTML 2Page - API Technologies Corp SF0147BA02468S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
147 MHz SAW Filter
8 MHz Bandwidth
Part Number: SF0147BA02468S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0147BA02468S
Rev A
11-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
-
147
-
MHz
Insertion Loss
-
3.2
5
dB
Lower 3 dB Band Edge
2
-
142
143
MHz
Upper 3 dB Band Edge
2
151
152
-
MHz
Amplitude Ripple (143 to 151 MHz)
-
2.5
3.0
dB p-p
Absolute Attenuation (47 to 108.2 MHz)
2
50
55
-
dB
Absolute Attenuation (185.8 to 247 MHz)
2
50
55
-
dB
Absolute Attenuation (247 to 367.5 MHz)
2
40
45
-
dB
Input and Output Return Loss
-
6
-
dB
Temperature Coefficient
-80
ppm/˚C
Source/Load Impedance
50
Ω
Ambient Temperature
25
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies at room ambient.
2. All dB levels are defined relative to the insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
0
50
˚C
Input Power Level
-
15
dBm
MATCHING CIRCUIT
Note: Matching components are not required.
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
GND
GND
3
8
All others



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com