Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0141CD11968S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0141CD11968S
Description  141 MHz SAW Filter 1.05 MHz Bandwidth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0141CD11968S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0141CD11968S Datasheet HTML 1Page - API Technologies Corp SF0141CD11968S Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
141 MHz SAW Filter
1.05 MHz Bandwidth
Part Number SF0141CD11968S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0141CD11968S
Rev A
11-Mar-2010
ECN 36650
Page 2 of 2
PACKAGE OUTLINE
Units:
mm
Pin Configuration:
Input:
1
Input Return:
10
Output:
6
Output Return: 5
Ground:
2, 3, 4, 7, 8, 9
MATCHING CIRCUIT
Typical component values:
Ls1 =
124 nH
Ls2 = 110 nH
(Minimum Q = 45)
Cp1 = 56 pF
Cp2 = 52 pF
Notes:
1. Component values shown are those used in the Spectrum Microwave test fixture. Values used in a
particular application may differ from this, depending on board layout.
2. 2% components or better are recommended in order to meet the return loss specification over the full
operating temperature range.
ISO 9001
Registered
1
6
10
5
Ls1
Ls2
Cp1
Cp2
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2010 All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com