Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0141CD03092S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0141CD03092S
Description  141 MHz SAW Filter 1.25 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0141CD03092S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0141CD03092S Datasheet HTML 1Page - API Technologies Corp SF0141CD03092S Datasheet HTML 2Page - API Technologies Corp SF0141CD03092S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
141 MHz SAW Filter
1.25 MHz Bandwidth
Part Number: SF0141CD03092S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0141CD03092S Rev A 11-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC (fixed reference)
-
141.0
-
MHz
Insertion loss at Fc
-
11.7
14
dB
1 dB Bandwidth
1
-
1.21
-
MHz
Attenuation at 141 ± 1.25 MHz
1
38
44
-
dB
Stopband Rejection (70 to 139.5 MHz)
1
42
50
-
dB
Stopband Rejection (139.5 to 139.75 MHz)
1
38
45
-
dB
Stopband Rejection (142.25 to 142.5 MHz)
1
38
44
-
dB
Stopband Rejection (142.5 to 202.25 MHz)
1
42
48
-
dB
Return Loss at Input and Output (141 ± 0.625 MHz)
2
10
15
-
dB
Passband Amplitude Ripple (141 ± 0.625 MHz)
3
-
0.65
1
dB p-p
Phase Linearity (141 ± 0.625 MHz)
-
2.8
4
deg p-p
Source/Load Impedance
50
ohms
Ambient Temperature
-
25
-
˚C
Notes:
1. All dB levels to be measured relative to average loss across the passband.
2. When matched using external components as described below.
3. Does not include roll-offs at edge of pass band.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
95
˚C
Operating Temperature Range
-10
85
˚C
Input Power Level
-
13
dBm
MATCHING CIRCUIT
Typical component values:
Notes:
1. Recommend use of 2% tolerance matching components.
2. Component values are for reference only and may change depending on board layout.
Ls1
=
120
nH
Ls2
=
110
nH
Cp1 =
51
pF
Cp2
=
56
pF
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com