Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP402XEV Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP402XEV
Description  Digital Potentiometer Evaluation Board User?셲 Guide
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP402XEV Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP402XEV Datasheet HTML 9Page - Microchip Technology MCP402XEV Datasheet HTML 10Page - Microchip Technology MCP402XEV Datasheet HTML 11Page - Microchip Technology MCP402XEV Datasheet HTML 12Page - Microchip Technology MCP402XEV Datasheet HTML 13Page - Microchip Technology MCP402XEV Datasheet HTML 14Page - Microchip Technology MCP402XEV Datasheet HTML 15Page - Microchip Technology MCP402XEV Datasheet HTML 16Page - Microchip Technology MCP402XEV Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Installation and Operation
© 2005 Microchip Technology Inc.
DS51546B-page 9
2.2.3
Evaluating the MCP4023 and MCP4013
The MCP4023/13-XXXI/OT is a 6-pin, grounded digital potentiometer with terminals A
and W available on the device pins. Footprint U2 supports the SOT-23-6 package.
Populating R2 will create a voltage divider with a transfer function illustrated in
Equation 2-2.
EQUATION 2-2:
GROUNDED POTENTIOMETER – VOLTAGE DIVIDER
CALCULATION
2.2.4
Evaluating the MCP4024 and MCP4014
The MCP4024/14-xxxI/OT is a 5-pin, grounded digital rheostat with the W terminals
available on the device pins. Footprint U2 supports the SOT-23-5 package. An “INCR”
command moves the wiper toward terminal A, thus causing the resistance across the
rheostat to increase. A “DECR” command moves the wiper toward terminal B, thus
causing the resistance across the rheostat to decrease.
V
wiper
V
DD
R
wb
⋅
R2
R
nom
+
--------------------------
5.0V
d 10k
⋅
63
⁄
()
⋅
2.5k
10k
+
-----------------------------------------------
=
=
Where:
d = the wiper setting (0 to 63)
Note 1:
DO NOT populate U1 if using U2.
2:
The included MCP4021 digital potentiometer samples could be used to
evaluate the MCP4023 simply by shorting terminal B to GND.
3:
The MCP4013 has high-voltage tolerant pins and, therefore, accepts
high-voltage Increment and Decrement commands. Since this device is
nonvolatile, the WiperLock™ Technology feature is not present.
Note 1:
DO NOT populate U1 if using U2.
2:
The included MCP4021 digital potentiometer samples could be used to
evaluate the MCP4024 simply by not populating R2, letting terminal A
float and by shorting terminal B to GND.
3:
The MCP4014 has high-voltage tolerant pins and, therefore, accepts
high-voltage Increment and Decrement commands. Since this device is
nonvolatile, the WiperLock™ Technology feature is not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com