Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2003 Datasheet HTML 1Page - STMicroelectronics TDA2003 Datasheet HTML 2Page - STMicroelectronics TDA2003 Datasheet HTML 3Page - STMicroelectronics TDA2003 Datasheet HTML 4Page - STMicroelectronics TDA2003 Datasheet HTML 5Page - STMicroelectronics TDA2003 Datasheet HTML 6Page - STMicroelectronics TDA2003 Datasheet HTML 7Page - STMicroelectronics TDA2003 Datasheet HTML 8Page - STMicroelectronics TDA2003 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS (Refer to DC test circuit)
Vs
Supply voltage
8
18
V
Vo
Quiescent output voltage (pin 4)
6.1
6.9
7.7
V
Id
Quiescent drain current (pin 5)
44
50
mA
AC CHARACTERISTICS (Refer to AC test circuit, Gv = 40 dB)
Po
Output power
d = 10%
f = 1 kHz
RL = 4
Ω
RL = 2
Ω
RL = 3.2
Ω
RL = 1.6
Ω
5.5
9
6
10
7.5
12
W
W
W
W
Vi(rms)
Input saturation voltage
300
mV
Vi
Input sensitivity
f = 1 kHz
Po = 0.5W
Po = 6W
Po = 0.5W
Po 10W
RL = 4
Ω
RL = 4
Ω
RL = 2
Ω
RL = 2
Ω
14
55
10
50
mV
mV
mV
mV
ELECTRICAL CHARACTERISTICS ( Vs = 14.4V, Tamb = 25
°C unless otherwise specified)
DC TEST CIRCUIT
AC TEST CIRCUIT
3/10
TDA2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com